Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34708 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
26
MC34708
Functional Block Description
7.3
Clocking and Oscillators
7.3.1
Clock Generation
A system clock is generated for internal digital circuitry as well as for external applications utilizing the clock output pins. A crystal
oscillator is used for the 32.768 kHz time base and generation of related derivative clocks. If the crystal oscillator is not running
(for example, if the crystal is not present), an internal 32 kHz oscillator will be used instead.
Support is also provided for an external Secure Real Time Clock (SRTC) which may be integrated on a companion system
processor IC. For media protection in compliance with Digital Rights Management (DRM) system requirements, the
CLK32KMCU can be provided as a reference to the SRTC module where tamper protection is implemented.
7.3.1.1
Clocking Scheme
The internal 32 kHz oscillator is an integrated backup for the crystal oscillator, and provides a 32.768 kHz nominal frequency at
60% accuracy, if running. The internal oscillator only runs if a valid supply is available at BP, and would not be used as long as
the crystal oscillator is active. In absence of a valid supply at the BP supply node (for instance due to a dead battery), the crystal
oscillator continues running supplied from the coin cell battery. All control functions will run off the crystal derived frequency,
occasionally referred to as “32 kHz” for brevity’s sake.
During the switch-over between the two clock sources (such as when the crystal oscillator is starting up), the output clock is
maintained at a stable active low or high phase of the internal 32 kHz clock to avoid any clocking glitches. If the XLTAL clock
source suddenly disappears during operation, the IC will revert back to the internal clock source. Given the unpredictable nature
of the event and the startup times involved, the clock may be absent long enough for the application to shut down during this
transition due to for instance a sag in the regulator output voltage or absence of a signal on the clock output pins.
A status bit, CLKS, is available to indicate to the processor which clock is currently selected: CLKS = 0 when the internal RC is
used and CLKS = 1 if the crystal source is used. The CLKI interrupt bit will be set whenever a change in the clock source occurs,
and an interrupt will be generated if the corresponding CLKM mask bit is cleared.
7.3.1.2
Oscillator Specifications
The crystal oscillator has been optimized for use in conjunction with the Micro Crystal CC7V-T1A32.768 kHz-9.0 pF-30 ppm or
equivalent (such as Micro Crystal CC5V-T1A or Epson FC135) and is capable of handling its parametric variations.
The electrical characteristics of the 32 kHz Crystal oscillator are given in the following table, taking into account the crystal
characteristics noted above. The oscillator accuracy depends largely on the temperature characteristics of the used crystal.
Application circuits can be optimized for required accuracy by adapting the external crystal oscillator network (via component
accuracy and/or tuning). Additionally, a clock calibration system is provided to adjust the 32,768 cycle counter that generates the
1.0 Hz timer and RTC registers; see SRTC Support for more detail.
VREFCORE (BANDGAP / REGULATOR REFERENCE)
VREFCORE Output voltage
-
1.2
-
V
(33)
Absolute Accuracy
-
0.5
-
%
Temperature Drift
-
0.25
-
%
CREFCORE VREFCORE bypass capacitor
-
100
-
nF
Notes
33.
3.0 V < BP < 4.5 V, no external loading on VCOREDIG, VDDLP, VCORE, or REFCORE. Extended operation down to UVDET, but no
system malfunction.
34.
Powered by VCOREDIG
35.
Maximum capacitance on VDDLP should not exceed 1000 pF, including the board capacitance.
Table 14. Core Voltages Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com