Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
27
2.4
Signal description
The following sections provide signal descriptions and related information about the signals’ functionality and configuration.
2.4.1
Pad configuration during reset phases
All pads have a fixed configuration under reset.
During the power-up phase, all pads are forced to tristate.
After power-up phase, all pads are floating with the following exceptions:
•
PB[5] (FAB) is pull-down. Without external strong pull-up the device starts fetching from flash memory.
•
RESET pad is driven low. This is released only after PHASE2 reset completion.
•Fast (4-16 MHz) external oscillator pads (EXTAL, XTAL) are tristate.
•
The following pads are pull-up:
—PB[6]
—PH[0]
—PH[1]
—PH[3]
2.4.2
Voltage supply pins
Voltage supply pins are used to provide power to the device. Two dedicated pins are used for 1.2 V regulator stabilization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com