Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
77
core_v_det_hv
0
0
—
—
0
0
core_v_det_lp_hv
0
0
—
—
—
—
corner_esdpadcell_hv
————
——
corner_esdpadcell_id00_hv
————
——
corner_esdpadcell_id11_hv
————
——
corner_esdpadcell_lp_hv
————
——
esd_term_35_84_hv
————
——
pad_9v_hv
0
0
—
—
—
—
pad_ae_hv
————
——
pad_esdspacer_hv
————
——
pad_tgate_hv
————
——
pad_vdd33_hv
————
——
pad_vdde_hv
0
0
—
—
0
0
pad_vddint3v_hv
0
0
—
—
0
0
pad_vddint_hv
0
0
—
—
—
—
pad_vss_hv
0
0
—
—
—
—
pad_vsse_hv
0
0
—
—
—
—
pad_vssint3v_hv
0
0
—
—
—
—
pad_vssint_hv
0
0
—
—
—
—
spcr_17_82_hv
————
——
spcr_35_84_hv
————
——
spcr_71_88_hv
————
——
spcr_143_38_hv
————
——
spcr_vdde_lvl_hv
————
——
Table 28. AVG IDDE specifications
Cell
Period (ns)
Load (pF)1
VDDE (V)
Drive/slew select
IDDE (mA)
pad_msr_hv2
24
50
5.5
11
14
62
50
5.5
01
5.3
317
50
5.5
00
1.1
425
200
5.5
00
3
Table 27. Supply leakage (continued)
Pad
VDD
VDDE
VDD33
Typ
Max
Typ
Max
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com