Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
15
1.4.15
Timing Controller (TCON) and RSDS interface
The TCON enables direct drive of the row and column drivers of display panels enabling emulation of TCON ICs used in
display panels.
•
Programmable Timing Generation unit featuring 12 waveform generators allowing high degree of flexibility in panel
waveform generation
•
Reduced Swing Differential Signaling (RSDS) interface for RGB data and pixel clock
•
Conforms to “RSDS ‘Intra Panel’ Interface Specification” Rev. 1.0 (National Semiconductor)
1.4.16
RLE decoder
The RLE decoder is a crossbar slave sharing a slave port with the QuadSPI module. The platform eDMA is used to stream
compressed image data into and extract decompressed data out of the RLE Decoder.
•
Lossless decompression
•
Pixel formats supported: 8 bpp, 16 bpp, 24 bpp, and 32 bpp
•
AHB mapped read and write registers in RLE_DEC to achieve higher throughput
•
Programmable fill levels of read and write buffers for initiating burst transfers
•
Crop feature: Support for selectively reading out a part of decompressed image data taking complete compressed data
for the full image as input
1.4.17
DRAM controller
The DRAM controller is a multi-port DRAM controller supporting LPDDR1, DDR-1, and DDR-2 memories. The DRAM
controller listens to the incoming requests to the seven buses in parallel and then sends commands to the DRAM from the
highest priority bus at the current time
The seven incoming 64-bit buses are:
•DCU3
•DCULite
•
e200z4d core — instruction bus
•
e200z4d core — data bus
•VIU2
•GFX2D
•eDMA
The DRAM controller features the following:
•
Supports CAS latency of 2, 3, and 4 clock cycles
•
Master buses
— 7 incoming master buses
— Supports 16-byte and 32-byte bursts
— Supports byte enables
— Supports 4-bit priority signal for each bus
•
Write buffer contains five 32-byte entries
•
Supports 16-wide and 32-wide DDR1, DDR2, and LPDDR1 DRAM devices
•
Controller supports one chip select, 8-bank DRAM system
•
Supports dynamic on-die termination in the host device and in the DRAM
•
Supports memory sizes as small as 64 Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com