Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
61
NOTE
Stresses exceeding the recommended absolute maximum ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification are not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. During overload conditions (VIN >VDD or
VIN <VSS), the voltage on pins with respect to ground (VSS) must not exceed the
recommended values.
4.4
Recommended operating conditions
VDDM
1
SR
D Voltage on VDDM (stepper motor supply) pin
with respect to ground (VSSM)
—
–0.3
+5.5
V
D1.10
VSS
2
SR
D I/O supply ground
—
0
0
V
D1.11
VDD_DR
D Voltage on VDDDDR with respect to VSS
—
–0.3
3.6
V
D1.12
VRSDS
D Voltage on VDDRSDS with respect to VSS
—
–0.3
3.6
V
D1.13
VIN
SR
D Voltage on any GPIO pin with respect to ground
(VSS)
—
–0.3
VDDmax
(VDDE max of
that
segment)
V—
IINJPAD
SR
D Injected input current on any pin during
overload condition
—
–10
10
mA
D1.15
IINJSUM
SR
D Absolute sum of all injected input currents
during overload condition
—
–50
50
D1.16
TSTORAGE SR
T Storage temperature
—
–55
150
°C
D1.17
ESDHBM
SR
T ESD Susceptibility (Human Body Model)
—
—
2000
V
D1.18
1 Throughout the remainder of this document V
DD refers collectively to I/O voltage supplies, i.e., VDDE_A, VDDE_B, and VDDM,
unless otherwise noted.
2 Throughout the remainder of this document V
SS refers collectively to I/O voltage supply grounds, i.e., VSSE_A, VSSPLL, and
VSSM, unless otherwise noted.
Table 11. Recommended operating conditions (3.3 V)
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
Min
Max
VDDA
1
SR P Voltage on VDDA pin (ADC reference) with re-
spect to ground (VSS)
—+3.0
+3.6
V
D2.1
D
Relative to VDD VDD–0.1
VDD+0.1
VSSA
SR P Voltage on VSSA (ADC reference) pin with
respect VSS
—VSS–0.1
VSS+0.1
V
D2.2
VDDPLL CC P Voltage on VDDPLL (1.2 V PLL supply) pin
with respect to ground (VSSPLL)
—
1.08
1.32
V
D2.3
Table 10. Absolute maximum ratings (continued)
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com