Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
62
Freescale Semiconductor
VDDR
2
SR P Voltage on VDDR pin (regulator supply) with
respect to ground (VSSR)
—+3.0
+3.6
V
D2.4
D
Relative to VDD VDD–0.1
VDD+0.1
VSSR
SR D Voltage on VSSR (regulator ground) pin with
respect to VSS
—VSS–0.1
VSS+0.1
V
D2.5
VDD12
3,4
CC P Voltage on VDD12 pin with respect to ground
(VSS12)
—1.08
1.4
V
D2.6
VSS12
CC D Voltage on VSS12 pin with respect to VSS
—VSS–0.1
VSS+0.1
V
D2.7
VDD
5,6,7
SR P Voltage on VDD pins (VDDE_A, VDDE_B,
VDD_DR, VDDM) with respect to ground (VSS)
—VDDmin
5
VDDmax
5
VD2.8
VSS
8
SR D I/O supply ground
—
0
0
V
D2.9
VDDE_A
9
SR P Voltage on VDDE_A (I/O supply) pin with
respect to ground (VSSE_A)
—+3.0
+3.6
V
D2.10
VDDE_B SR P Voltage on VDDE_B (I/O supply) pin with
respect to ground (VSSE_B)
—+3.0
+3.6
V
D2.11
VDDM
SR P Voltage on VDDM (stepper motor supply) pin
with respect to ground (VSSM)
—+3.0
+3.6
V
D2.12
VDD_DR
P Voltage on VDDDDR with respect to VSS
—
+1.62
+3.6
V
D2.13
VSS_DR
D Voltage on VSSRSDS with respect to VSS
—
+1.62
+3.6
V
D2.14
VRSDS
P Voltage on VDDDDR with respect to VSS
—+3.0
+3.6
V
D2.15
TVDD
SR D VDD slope to ensure correct power up
10
——
12
V/ms
D2.16
TA
SR P Ambient temperature under bias
—
-40
+105
°C
D2.17
TJ
SR D Junction temperature under bias
-40
+140
D2.18
1 100 nF capacitance needs to be provided between V
DDA/VSSA pair.
2 10
F capacitance must be connected between V
DDR and VSS12 because of a sharp surge due to external ballast.
3 V
DD12 cannot be used to drive any external component.
4 Each V
DD12/VSS12 supply pair should have a 10 F capacitor. Absolute combined maximum capacitance is 40 F. Preferably,
all the VDD12 supply pads should be shorted and then connected to a 4
10 F capacitance. This is to ensure the ESR of
external capacitance does not exceed 0.2
. A 100 nF capacitor must be placed close to the pin.
5 V
DD refers collectively to I/O voltage supplies, i.e., VDDE_A, VDDE_B, VDD_DR, and VDDM.
6 100 nF capacitance needs to be provided between each V
DD/VSS pair. VDDmin value for is 3 V for VDDE_A & VDDM as well
as for VDDE_B, while it is 1.62 V for VDD_DR. VDD max value is 3.6 V for VDDE_A & VDDM as well as for VDDE_B &
VDD_DR.
7 Full electrical specification cannot be guaranteed when voltage drops below 3.0V. In particular, ADC electrical characteristics
and I/O’s DC electrical specification may not be guaranteed.
When voltage drops below VLVDHVL device is reset.
8 V
SS refers collectively to I/O voltage supply grounds, i.e., VSSE_A, VSS, and VSSM unless otherwise noted.
9 V
DDE_A should not be less than VDDA.
10 Guaranteed by device validation.
Table 11. Recommended operating conditions (3.3 V) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com