Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
129
Figure 46. QuadSPI clock profile
4.18.13 TCON/RSDS timing
The following notes apply to Table 72:
•
Measurement condition: vdde/vdd33 = 3.3 V ± 10%, vdd = 1.2 V ± 10%, vss/vsse = 0 V, T = –40–140
C
•
Termination: 100
 ± 5%
•
VREFH_RSDS terminations of 47
F
Table 72. TCON/RSDS timing
Symbol
C
Parameter
Condition
Value
Unit
SpecID
Min
Typ
Max
VOD
CC
C Differential output voltage
RSDS mode
391
—
471
mV
A14.1
VOS
CC
C Common mode voltage
100
 termination between
Pad_p and Pad_n
1.17
—
1.4
V
A14.2
tr
CC
C Rise time
Transition from 20% to 80%
606
—
844
ps
A14.3
tf
CC
C Fall time
Transition from 20% to 80%
607
—
842
ps
A14.4
tplh
CC
D Propagation delay, low to
high
—
—
2.65
—
ns
A14.5
tphl
CC
D Propagation delay, high to
low
—
—
2.47
—
ns
A14.6
tdz
CC
D Start-up time
—
—
200
—
sA14.7
tskew1 2 3
1 There are eight programmable bits to provide 256 different skew numbers with various combinations of these bits.
2 Default value of all the eight skew options are all “1”.
3 All “0” combination of eight bits is not valid.
CC
C Skew between different
RSDS lines
Max and min skew between
clock and data pads
——
—
ps
A14.8
SCK
VDDE
tr
tf
30%
70%
Note: tr and tf measured at 30% and 70% of VDDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com