Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 140 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 140 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 144Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
140
Freescale Semiconductor
7
Revision history
Table 74. Revision history
Revision
(Date)
Description
1
(06 Oct 2009)
Initial release.
2
(7 Dec 2009)
Editorial changes.
Extensive modifications throughout the “Pinout and signal descriptions” section.
Revised the “Absolute maximum ratings” table.
Revised the “Recommended operating conditions (3.3 V)” table.
Revised the “Recommended operating conditions (5 V)” table.
In the “Voltage regulator electrical characteristics” section, changed “NJD2783” to NJD2873”.
Revised the “Interface to TFT LCD panels” section.
3
(3 Mar 2010)
Editorial changes.
Added the RoHS logo (indicating RoHS compliance).
Added a "SpecID" column to specification tables throughout the document.
In the device-comparison table:
• Revised the “Timed I/O” entry.
• Changed “Nexus 3” to “Nexus Class 3”.
In the feature list:
• Revised the information for the TCON and RSDS interface.
• In the ADC entry, changed “20 internal channels” to “Up to 20 internal channels”.
• In the QuadSPI entry, changed “quad modes of operation” to “quad IO serial flash memory”.
• In the DCU3 and DCULite entry, changed “WVGA” to “XGA”.
In the “Feature details” section:
• Revised some module abbreviations and names to be consistent with the rest of the documentation.
• In the GFX2D section, deleted “and Adobe Flash 7”.
• In the QuadSPI section, changed “Maximum frequency 80 MHz” to “Maximum serial clock
frequency 80 MHz”
• In the FlexCAN section, changed “The FlexCan modules offer” to “Each FlexCAN module offers”.
• In the DCULite section, changed “WVGA” to “XGA”.
In the 176-pin pinout, changed “MDD” to “MDO”.
In the 208-pin pinout:
• For pin 105, changed “VDDE” to “VDDE_B”.
• Renamed pin 145 (was VRSDS, is VREF_RSDS”)
• For pin 148, changed “RSRS3+P” to “RSDS3P”.
• For pin 160, changed “SCL_D” to “SCL_3”.
• For pin 161, changed “SDA_D” to “SDA_3”.
• For pin 178, changed “DCULITE_G8” to “DCULITE_G6”.
In the 324-pin pinout:
• Renamed pin A1 (was VSS_DR, is VSS).
• Renamed pin B2 (was VDDE_DDR, is VDD_DR).
• Renamed pins D11 and J9 (were VDD33_DR, are VDDE_B).
Added the “Pad configuration during reset phases” section.
In the “Voltage supply pin descriptions” table:
• Renamed VRSDS to VREF_RSDS and added a footnote about the pin’s required termination.
• Added pin B2 to VDD_DR in the 324-pin package.
• Moved pins D11 and J9 to VDDE_B.
Revised the “System pin descriptions” table.
Replaced the entire “DRAM interface pin summary” table.
• In the “Nexus pins” table, added a PCR column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com