Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06151237 Datasheet(PDF) 72 Page - Tyco Electronics

Part # 06151237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06151237 Datasheet(HTML) 72 Page - Tyco Electronics

Back Button 06151237 Datasheet HTML 68Page - Tyco Electronics 06151237 Datasheet HTML 69Page - Tyco Electronics 06151237 Datasheet HTML 70Page - Tyco Electronics 06151237 Datasheet HTML 71Page - Tyco Electronics 06151237 Datasheet HTML 72Page - Tyco Electronics 06151237 Datasheet HTML 73Page - Tyco Electronics 06151237 Datasheet HTML 74Page - Tyco Electronics 06151237 Datasheet HTML 75Page - Tyco Electronics 06151237 Datasheet HTML 76Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
K-Type® cable markers
72
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Pre-Printed Wire and Cable Markers
1361 1 4 01
Part numbering system
Legend code
Color code
Packaging code
Product/size code
K-Type® markers are used to identify wire bundles, cables, pipes
and conduits using specially designed oval shaped, individual
characters that slide on to a PVC carrier, which is then attached to
the substrate using cable ties. K-Type® markers are ideal for post
termination applications or where retrofit is anticipated.
These markers are supplied yellow with black legends and in the
standard International colour code option and are supplied on
reels. K-Type® markers come in one standard size to fit carrier
strips that can hold from 7 to 18 markers and are made from a
plasticized PVC material.
Features and benefits
I Versatile marking system for cables , cable bundles and conduit
I Elliptical marker profile allows easy fitting to carrier strips
Temperature rating
Operating temperature range
–40°C to +70°C
–40°F to +158°F
Specifications/approvals
Tyco Electronics
TTDS- 025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com