Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06151237 Datasheet(PDF) 36 Page - Tyco Electronics

Part # 06151237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06151237 Datasheet(HTML) 36 Page - Tyco Electronics

Back Button 06151237 Datasheet HTML 32Page - Tyco Electronics 06151237 Datasheet HTML 33Page - Tyco Electronics 06151237 Datasheet HTML 34Page - Tyco Electronics 06151237 Datasheet HTML 35Page - Tyco Electronics 06151237 Datasheet HTML 36Page - Tyco Electronics 06151237 Datasheet HTML 37Page - Tyco Electronics 06151237 Datasheet HTML 38Page - Tyco Electronics 06151237 Datasheet HTML 39Page - Tyco Electronics 06151237 Datasheet HTML 40Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
iKC/iKB Laser or hand writable cable clip
36
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Tyco Electronics iKC/iKB are cable clips designed for the identifica-
tion of wires and cables in rough, damp and dusty environments.
The legend strip (iKB) with the printable information is embedded
in the cable clip (iKC) and therefore has all- round protection.
The cable clips are fastened on using cable ties.
.
Features and benefits
I Protects against damp, dust and dirt
I iKB legend strip marked with a laser printer or by hand
I Universal application on various cable diameters
I iKB legend strip is a dual color label with white on one side
and yellow on the other
Temperature rating
Operating temperature
-26°C to +130°C
(-15°F to +266°F)
Printer Information
Standard laser printer with auto/manual sheet feed
Contact Tyco Electronics Electronics Identification for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com