Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06151237 Datasheet(PDF) 58 Page - Tyco Electronics

Part # 06151237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06151237 Datasheet(HTML) 58 Page - Tyco Electronics

Back Button 06151237 Datasheet HTML 54Page - Tyco Electronics 06151237 Datasheet HTML 55Page - Tyco Electronics 06151237 Datasheet HTML 56Page - Tyco Electronics 06151237 Datasheet HTML 57Page - Tyco Electronics 06151237 Datasheet HTML 58Page - Tyco Electronics 06151237 Datasheet HTML 59Page - Tyco Electronics 06151237 Datasheet HTML 60Page - Tyco Electronics 06151237 Datasheet HTML 61Page - Tyco Electronics 06151237 Datasheet HTML 62Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 85 page
background image
LSR Laser printable self-laminating labels
58
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
Tyco Electronics LSR is a laser printable, translucent polyester film
with a permanent acrylic adhesive, supplied with a white printable
area, which is over-laminated upon application with the
translucent portion of the label. This ‘self-laminating’ feature
protects the printed area from exposure to oil, solvents, water and
abrasion with good conformability to round surfaces. LSR is ideal
for wire and cable marking including flat ribbon cable. The low-
profile design makes LSR suitable for wrapping onto thin wire
gauges.
Features and benefits
I Manufactured with a white coated area for printing or writing
on, and with a clear wrap to wind around a wire or cable over
the printed surface to seal out impurities that would cause
the label to become illegible
I Protects printed information from chemicals and
frequent handling
I Designed to withstand exposure to oil, solvents, and water
I Can also be flagged around a wire rather than wrapped
Temperature rating
Operating temperature range
–40°C to +150°C
–40°F to +302°F
Printer information
Standard laser printer with auto/manual sheet feed.
Contact Tyco Electronics Identification for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com