Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06151237 Datasheet(PDF) 54 Page - Tyco Electronics

Part # 06151237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06151237 Datasheet(HTML) 54 Page - Tyco Electronics

Back Button 06151237 Datasheet HTML 50Page - Tyco Electronics 06151237 Datasheet HTML 51Page - Tyco Electronics 06151237 Datasheet HTML 52Page - Tyco Electronics 06151237 Datasheet HTML 53Page - Tyco Electronics 06151237 Datasheet HTML 54Page - Tyco Electronics 06151237 Datasheet HTML 55Page - Tyco Electronics 06151237 Datasheet HTML 56Page - Tyco Electronics 06151237 Datasheet HTML 57Page - Tyco Electronics 06151237 Datasheet HTML 58Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
TW Dot matrix printable self-laminating labels
54
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
J TW 10
Part numbering system
Pack size
Product family
Label size
Tyco Electronics TW is a dot matrix printable, translucent vinyl film
with a permanent acrylic adhesive, supplied with a white printable
area, which is over-laminated upon application with the translu-
cent portion of the label. This ‘self-laminating’ feature protects the
printed area from exposure to oil, solvents, water and abrasion.
TW labels offer excellent conformability to round, irregular or
flexible surfaces, and are ideal for wire and cable identification,
including flat ribbon cables that are subject to repeated bending.
They are UL Listed, with reliable print performance and durability,
when used with Tyco Electronics 1892BK01 ribbon.
Features and benefits
I Manufactured with a white coated area for printing or writing
on, and with a clear wrap to wind around a wire or cable over
the printed surface to seal out impurities that would cause the
label to become illegible
I Protects printed information from chemicals and frequent
handling
I Designed to withstand exposure to oil, solvents, and water
Temperature rating
Operating temperature range
–40°C to +80°C
–40°F to +176°F
Specifications/approvals
Industry
UL MH17292 Group PGJI2
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
Tyco Electronics ribbon
1892BK01 (dot matrix)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com