Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06151237 Datasheet(PDF) 43 Page - Tyco Electronics

Part # 06151237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06151237 Datasheet(HTML) 43 Page - Tyco Electronics

Back Button 06151237 Datasheet HTML 39Page - Tyco Electronics 06151237 Datasheet HTML 40Page - Tyco Electronics 06151237 Datasheet HTML 41Page - Tyco Electronics 06151237 Datasheet HTML 42Page - Tyco Electronics 06151237 Datasheet HTML 43Page - Tyco Electronics 06151237 Datasheet HTML 44Page - Tyco Electronics 06151237 Datasheet HTML 45Page - Tyco Electronics 06151237 Datasheet HTML 46Page - Tyco Electronics 06151237 Datasheet HTML 47Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
RMK Computer printable epoxy coated labels in a sheet form
43
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Performance Labels
Ordering information
Available sizes and formats
Ordering
Label
Label
Labels
description
height
width
per sheet
mm
mm
RMK-6x20-A4
6
20
224
RMK-9x25-A4
9
25
132
RMK-10x19-A4
10
19
160
RMK-11x40-A4
11
40
72
RMK-18x20-A4
18
20
96
RMK-18x25-A4
18
25
72
RMK-18x35-A4
18
35
48
RMK-18x50-A4
18
50
36
RMK-25x30-A4
25
30
45
RMK-25x35-A4
25
35
36
RMK-25x50-A4
25
50
27
RMK-25x70-A4
25
70
10
RMK-25x75-A4
25
75
18
RMK-25x100-A4
25
100
10
RMK-28x40-A4
28
40
32
RMK-30x13-A4
30
13
88
RMK-30x25-A4
30
25
48
RMK-30x70-A4
30
70
14
RMK-35x75-A4
35
75
12
RMK-50x13-A4
50
13
50
RMK-50x25-A4
50
25
30
RMK-50x100-A4
50
100
5
RMK-75x150-A4
75
150
3
RMK-87x13-A4
87
13
33
RMK-87x25-A4
87
25
18
RMK-150x150-A4
150
150
1
RMK-170x13-A4
170
13
11
RMK-170x25-A4
170
25
6
RMK-190x30-A4
190
30
5
RMK-200x13-A4
200
13
10
RMK-250x13-A4
250
13
11
RMK-250x25-A4
250
25
6
RMK-UNCUT-A4
Uncut
50 sheets
W
H
r
r = 1 mm to 3 mm
(size dependent)
210 mm
297 mm
188 mm
usable
A4 sheet dimensions
Label dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com