Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06151237 Datasheet(PDF) 78 Page - Tyco Electronics

Part # 06151237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06151237 Datasheet(HTML) 78 Page - Tyco Electronics

Back Button 06151237 Datasheet HTML 74Page - Tyco Electronics 06151237 Datasheet HTML 75Page - Tyco Electronics 06151237 Datasheet HTML 76Page - Tyco Electronics 06151237 Datasheet HTML 77Page - Tyco Electronics 06151237 Datasheet HTML 78Page - Tyco Electronics 06151237 Datasheet HTML 79Page - Tyco Electronics 06151237 Datasheet HTML 80Page - Tyco Electronics 06151237 Datasheet HTML 81Page - Tyco Electronics 06151237 Datasheet HTML 82Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
V-Type™ Manual wire and cable markers
78
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Pre-Printed Wire and Cable Markers
V-Type™ markers are individual push-on characters used to
identify wires and small cables permanently. They are designed
with an expanding profile, enabling each marker to accommodate
a wide range of wire/cable sizes.
V-Type™ markers are a simple, cost-effective solution for many
commercial wire identification applications. The markers are
supplied chevron cut and this ensures the legends remain aligned.
Standard V-Type™ markers are yellow or white with black legends
and can be supplied as loose pieces packed in boxes, on reels or
flat disc reels. Color coded markers are also available.
Features and benefits
I Resistant to sea water, fuels and oils
I 4 sizes covering wire diameters from1.4mm to 16.0mm
(0.06 inches to 0.63 inches)
Specifications/approvals
Tyco Electronics
TTDS-096
Temperature rating
Operating temperature range
–45°C to +70°C
–50°F to +158°F
0761 1 4 00
Part numbering system
Mark/legend code
Color code
Packaging code
Size code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com