Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06151237 Datasheet(PDF) 32 Page - Tyco Electronics

Part # 06151237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06151237 Datasheet(HTML) 32 Page - Tyco Electronics

Back Button 06151237 Datasheet HTML 28Page - Tyco Electronics 06151237 Datasheet HTML 29Page - Tyco Electronics 06151237 Datasheet HTML 30Page - Tyco Electronics 06151237 Datasheet HTML 31Page - Tyco Electronics 06151237 Datasheet HTML 32Page - Tyco Electronics 06151237 Datasheet HTML 33Page - Tyco Electronics 06151237 Datasheet HTML 34Page - Tyco Electronics 06151237 Datasheet HTML 35Page - Tyco Electronics 06151237 Datasheet HTML 36Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
MultiMark Strip and Carriers insert marker for post termination identification
32
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
MultiMark is comprised of a polyolefin printed strip, which is
inserted into a protective PVC carrier. The carrier can be applied to
wires or cables pre-termination to allow post termination printed
strip insertion or the strips can be replaced post termination when
re-labeling is required.
The PVC carrier protects the markers from dust and grime. These
carriers are available in a number of sizes to cover a wide range of
cable diameters.
The printable strips are presented as organized markers
assembled onto fanfolded paper carrier for ease of selection and
kitting. The strips are available in a variety of lengths.
Available for printing by dot matrix only.
Features and benefits
I Suitable for post termination labeling and re-labeling
I Marker lengths 10mm to 30mm
I Clear carriers to fit cable diameters 1.8mm to 8.0mm
Temperature rating
Operating temperature range
–45°C to +70°C
–49°F to 158°F
Specifications/approvals
Tyco Electronics
TTDS-003
Military
MIL-STD 202 method 215J
SAE-AS81531 4.6.2
Printer information
Tyco Electronics Printer
AM6310 (dot matrix)
Tyco Electronics Ribbon
1892BK04 (dot matrix)
082 5 99 19A
Part numbering system
Size (pack quantity and length)
Color
Format Number (height)
Material Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com