| Electronic Components Datasheet Search |
|
MFRC63002R Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC63002R Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 118 page ![]() MFRC630 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 6 September 2012 227531 21 of 118 NXP Semiconductors MFRC630 Contactless reader IC Alternatively the I2C address can be configured in the EEPROM. Several address numbers are reserved for this purpose. During device configuration, the designer has to ensure, that no collision with these reserved addresses in the system is possible. Check the corresponding I2C specification for a complete list of reserved addresses. For all MFRC630 devices the upper 5 bits of the device bus address are reserved by NXP and set to 01010(bin). The remaining 2 bits (ADR_2, ADR_1) of the slave address can be freely configured by the customer in order to prevent collisions with other I2C devices by using the interface pins (refer to Table 6) or the value of the I2C address EEPROM register (refer to Table 26). 8.4.4.7 I2C-register write access To write data from the host controller via I2C to a specific register of the MFRC630 the following frame format shall be used. The first byte of a frame indicates the device address according to the I2C rules. The second byte indicates the register address followed by up to n-data bytes. In case the address indicates the FIFO, in one frame all n-data bytes are written to the FIFO register address. This enables for example a fast FIFO access. For any other address, the address pointer is incremented automatically and data is written to the locations [address], [address+1], [address+2]... [address+(n-1)] The read/write bit shall be set to logic 0. 8.4.4.8 I2C-register read access To read out data from a specific register address of the MFRC630 the host controller shall use the procedure: First a write access to the specific register address has to be performed as indicated in the following frame: The first byte of a frame indicates the device address according to the I2C rules. The second byte indicates the register address. No data bytes are added. The read/write bit shall be logic 0. Having performed this write access, the read access starts. The host sends the device address of the MFRC630. As an answer to this device address the MFRC630 responds with the content of the addressed register. In one frame n-data bytes could be read using the same register address. The address pointing to the register is incremented automatically (exception: FIFO register address is not incremented automatically). This enables a fast transfer of register content. The address pointer is incremented automatically and data is read from the locations [address], [address+1], [address+2]... [address+(n-1)] Fig 16. First byte following the START procedure 001aam304 Bit 6 Bit 5 Bit 4 slave address Bit 3 Bit 2 Bit 1 Bit 0 R/W MSB LSB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |