Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC63002R Datasheet(PDF) 67 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 63Page - NXP Semiconductors MFRC63002R Datasheet HTML 64Page - NXP Semiconductors MFRC63002R Datasheet HTML 65Page - NXP Semiconductors MFRC63002R Datasheet HTML 66Page - NXP Semiconductors MFRC63002R Datasheet HTML 67Page - NXP Semiconductors MFRC63002R Datasheet HTML 68Page - NXP Semiconductors MFRC63002R Datasheet HTML 69Page - NXP Semiconductors MFRC63002R Datasheet HTML 70Page - NXP Semiconductors MFRC63002R Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
67 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.6.4 RxColl
Receiver collision register.
Table 65.
RxColl register (address 0Dh);
Bit
7
6
5
4
3
2
1
0
Symbol
CollPosValid
CollPos
Access
rights
rr
Table 66.
RxColl bits
Bit
Symbol
Description
7
CollPos
Valid
If set to 1, the value of CollPos is valid. Otherwise no collision is detected or
the position of the collision is out of the range of bits CollPos.
6 to 0
CollPos
These bits show the bit position of the first detected collision in a received
frame (only data bits are interpreted). CollPos can only be displayed for the
first 8 bytes of a data stream.
Example:
00h indicates a bit collision in the 1st bit
01h indicates a bit collision in the 2nd bit
08h indicates a bit collision in the 9th bit (1st bit of 2nd byte)
3Fh indicates a bit collision in the 64th bit (8th bit of the 8th byte)
These bits shall only be interpreted in Passive communication mode at 106
kbit/s or ISO/IEC 14443A/MIFARE reader /writer mode if bit CollPosValid is
set.
Note: If RxBitCtrl.RxAlign is set to a value different to 0, this value is included
in the CollPos.
Example: RxAlign = 4h, a collision occurs in the 4th received bit (which is the
last bit of that UID byte). The CollPos = 7h in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com