Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC63002R Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 50Page - NXP Semiconductors MFRC63002R Datasheet HTML 51Page - NXP Semiconductors MFRC63002R Datasheet HTML 52Page - NXP Semiconductors MFRC63002R Datasheet HTML 53Page - NXP Semiconductors MFRC63002R Datasheet HTML 54Page - NXP Semiconductors MFRC63002R Datasheet HTML 55Page - NXP Semiconductors MFRC63002R Datasheet HTML 56Page - NXP Semiconductors MFRC63002R Datasheet HTML 57Page - NXP Semiconductors MFRC63002R Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
54 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.
MFRC630 registers
9.1 Register bit behavior
Depending on the functionality of a register, the access conditions to the register can vary.
In principle, bits with same behavior are grouped in common registers. The access
conditions are described in Table 37.
Table 37.
Behavior of register bits and their designation
Abbreviation
Behavior
Description
r/w
read and write These bits can be written and read via the host interface. Since
they are used only for control purposes, the content is not
influenced by the state machines but can be read by internal state
machines.
dy
dynamic
These bits can be written and read via the host interface. They
can also be written automatically by internal state machines, for
example Command register changes its value automatically after
the execution of the command.
r
read only
These register bits indicates hold values which are determined by
internal states only.
w
write only
Reading these register bits always returns zero.
RFU
-
These bits are reserved for future use and must not be changed.
In case of a required write access, it is recommended to write a
logic 0.
Table 38.
MFRC630 registers overview
Address
Register name
Function
00h
Command
Starts and stops command execution
01h
HostCtrl
Host control register
02h
FIFOControl
Control register of the FIFO
03h
WaterLevel
Level of the FIFO underflow and overflow warning
04h
FIFOLength
Length of the FIFO
05h
FIFOData
Data In/Out exchange register of FIFO buffer
06h
IRQ0
Interrupt register 0
07h
IRQ1
Interrupt register 1
08h
IRQ0En
Interrupt enable register 0
09h
IRQ1En
Interrupt enable register 1
0Ah
Error
Error bits showing the error status of the last command execution
0Bh
Status
Contains status of the communication
0Ch
RxBitCtrl
Control register for anticollision adjustments for bit oriented protocols
0Dh
RxColl
Collision position register
0Eh
TControl
Control of Timer 0..3
0Fh
T0Control
Control of Timer0
10h
T0ReloadHi
High register of the reload value of Timer0
11h
T0ReloadLo
Low register of the reload value of Timer0
12h
T0CounterValHi
Counter value high register of Timer0
13h
T0CounterValLo
Counter value low register of Timer0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com