Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC63002R Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 19Page - NXP Semiconductors MFRC63002R Datasheet HTML 20Page - NXP Semiconductors MFRC63002R Datasheet HTML 21Page - NXP Semiconductors MFRC63002R Datasheet HTML 22Page - NXP Semiconductors MFRC63002R Datasheet HTML 23Page - NXP Semiconductors MFRC63002R Datasheet HTML 24Page - NXP Semiconductors MFRC63002R Datasheet HTML 25Page - NXP Semiconductors MFRC63002R Datasheet HTML 26Page - NXP Semiconductors MFRC63002R Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
23 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
The pull-up resistor is not required for the I2CL interface. Instead, a on chip buskeeper is
implemented in the MFRC630 for SDA of the I2CL interface. This protocol is intended to
be used for a point to point connection of devices over a short distance and does not
support a bus capability.The driver of the pin must force the line to the desired logic
voltage. To avoid that two drivers are pushing the line at the same time following
regulations must be fulfilled:
SCL: As there is no clock stretching, the SCL is always under control of the Master.
SDA: The SDA line is shared between master and slave. Therefore the master and the
slave must have the control over the own driver enable line of the SDA pin. The following
rules must be followed:
• In the idle phase the SDA line is driven high by the master
• In the time between start and stop condition the SDA line is driven by master or slave
when SCL is low. If SCL is high the SDA line is not driven by any device
• To keep the value on the SDA line a on chip buskeeper structure is implemented for
the line
8.4.5 SAM interface I2C
8.4.5.1
SAM functionality
The MFRC630 implements a dedicated I2C interface to integrate a MIFARE SAM (Secure
Access Module) in a very convenient way into applications (e.g. a proximity reader).
The SAM can be connected to the microcontroller to operate like a cryptographic
co-processor. For any cryptographic task, the microcontroller requests a operation from
the SAM, receives the answer and sends it over a host interface (e.g. I2C, SPI) interface
to the connected reader IC.
The MIFARE SAM supports a optimized method to integrate the SAM in a very efficient
way to reduce the protocol overhead. In this system configuration, the SAM is integrated
between the microprocessor and the reader IC, connected by one interface to the reader
IC and by another interface to the microcontroller. In this application the microcontroller
accesses the SAM using the T=1 protocol and the SAM accesses the reader IC using an
I2C interface. As the SAM is directly communicating with reader IC, the communication
overhead is reduced. In this configuration, a performance boost of up to 40% can be
achieved for a transaction time.
The MIFARE SAM supports applications using MIFARE cards. For multi application
purposes an architecture connecting the microcontroller additionally directly to the reader
IC is recommended. This is possible by connecting the MFRC630 on one interface (SAM
Interface SDA, SCL) with the MIFARE SAM AV2.6 (P5DF081XX/T1AR1070) and by
connecting the microcontroller to the S2C or SPI interface.
tSU;SDA
80
-
ns
tHD;DAT
050
ns
tSU;DAT
020
ns
tSU;STO
80
-
ns
tBUF
200
-
ns
Table 16.
Timing parameter I2CL
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com