Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTNETA1622DW Datasheet(PDF) 48 Page - Texas Instruments

Part # XTNETA1622DW
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1622DW Datasheet(HTML) 48 Page - Texas Instruments

Back Button XTNETA1622DW Datasheet HTML 44Page - Texas Instruments XTNETA1622DW Datasheet HTML 45Page - Texas Instruments XTNETA1622DW Datasheet HTML 46Page - Texas Instruments XTNETA1622DW Datasheet HTML 47Page - Texas Instruments XTNETA1622DW Datasheet HTML 48Page - Texas Instruments XTNETA1622DW Datasheet HTML 49Page - Texas Instruments XTNETA1622DW Datasheet HTML 50Page - Texas Instruments XTNETA1622DW Datasheet HTML 51Page - Texas Instruments XTNETA1622DW Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
RESDATA(bits 7 −0)
Data (TXDATA) input. RESDATA7 is the MSB.
RESPAR
Parity (TXPAR) input. RESPAR is the odd-parity bit over RESDATA.
RESSOC
Start of cell (TXSOC) input. This active-high signal is received by the TNETA1570 when RESDATA contains
the first valid byte of the cell.
RESEN
Enable (TXENB) input. This active-low signal is received by the TNETA1570 when RESDATA contains a valid
byte.
RESCLAV
Full/cell available (TXFULL /TXCLAV) output. An indication that a transfer of a complete cell can be accepted.
RESPERR
Parity error output (not required by the UTOPIA specification). This active-low signal asserted by the
reassembly unit to indicate that parity error was present at the previous rising RESCLK edge.
segmentation-unit interface, ATM mode
The segmentation-unit interface on the TNETA1570 outputs TXDATA on the UTOPIA interface in ATM mode.
This cell interface works on the low-to-high transition of SEGCLK to sample and generate signals. All signals
are active high unless denoted via a bar over the signal name.
SEGCLK
Clock (TXCLK) input. Data transfer/synchronization clock for synchronizing transfers on SEGDATA. When
operating in ATM mode, the SEGCLK is sourced from the ATMCLK.
SEGDATA (bits 7 −0)
Data (TXDATA) output. Byte-wide true data sourced by the TNETA1570 SEGDATA7 is the MSB.
SEGPAR
Parity (TXPRTY) output. SEGPAR is the odd-parity bit over SEGDATA.
SEGSOC
Start of cell (TXSOC) output. Active-high signal sourced by the TNETA1570 when SEGDATA contains the first
valid byte of the cell.
SEGEN
Full/cell available (TXFULL /RXCLAV) input. (Functional description does not match pin name for ATM mode)
An indication that at least one byte of SEGDATA is accepted.
SEGCLAV
Enable (TXENB) output. (Functional description does not match pin name for ATM mode). This active-low signal
is sent by the TNETA1570 when SEGDATA contains a valid byte.
reassembly-unit interface, ATM mode
The reassembly-unit interface on the TNETA1570 inputs RXDATA from the UTOPIA interface in ATM mode.
This receive cell interface works on the low-to-high transition of RESCLK to sample and generate signals. All
signals are active high, unless denoted via a bar over the signal name.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com