Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK3114SCZPV Datasheet(PDF) 35 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 31Page - Texas Instruments TLK3114SCZPV Datasheet HTML 32Page - Texas Instruments TLK3114SCZPV Datasheet HTML 33Page - Texas Instruments TLK3114SCZPV Datasheet HTML 34Page - Texas Instruments TLK3114SCZPV Datasheet HTML 35Page - Texas Instruments TLK3114SCZPV Datasheet HTML 36Page - Texas Instruments TLK3114SCZPV Datasheet HTML 37Page - Texas Instruments TLK3114SCZPV Datasheet HTML 38Page - Texas Instruments TLK3114SCZPV Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
3−17
RDA[7:0]
D
D
S
I
I
Packet
D
D
...
D
D
D
D
I
I
S
I
D
D
IPG
RDB[7:0]
D
D
D
I
I
D
D
...
D
D
T
D
I
I
D
I
D
D
RDC[7:0]
D
D
D
I
I
D
D
...
D
D
I
D
I
I
D
I
D
D
RDD[7:0]
D
D
D
I
I
D
D
...
D
D
I
D
I
I
D
I
D
D
Output
S = Start of Packet
D = Data
T = End of Packet
A = K28.3
K = K28.5
R = K28.0
I = Idle
RXA
D
D
S
R
K
D
D
...
D
D
D
D
R
A
K
R
D
S
RXB
D
D
D
R
K
D
D
...
D
D
T
D
R
A
K
R
D
D
RXC
D
D
D
R
K
D
D
...
D
D
K
D
R
A
K
R
D
D
RXD
D
D
D
R
K
D
D
...
D
D
K
D
R
A
K
R
D
D
Input
Dropped Column
Figure 3−16. Clock Tolerance Compensation: Drop
The R code is disparity neutral, allowing its removal or insertion without affecting the current running disparity of each
channel’s serial stream.
The clock tolerance compensation circuit also converts XAUI A, K, and R characters to XGMII idles, as illustrated in
Figure 3−16.
3.20 Parallel-to-Serial Shift Register
The parallel-to-serial shift register on each channel takes in 10-bit wide data from either the 8-b/10-b encoders, if
enabled, or directly from the transmit data bus and converts it to a serial stream. The shift register is clocked by the
internally generated bit clock, which is 10 times the reference clock (RFCP/RFCN) frequency. The least significant
bit (LSB) for each channel is transmitted first.
3.21 Serial-to-Parallel Shift Register
For each channel, serial data is received on the RXxP/RXxN terminals. The interpolator and clock recovery circuit
locks to the data stream if the clock to be recovered is within
±100 PPM of the internally generated bit rate clock. The
recovered clock retimes the input data stream. The serial data is then clocked into the serial-to-parallel shift registers.
If enabled, the 10-bit wide parallel data is then fed into 8-b/10-b decoders. If the TLK3114SC device is configured
in one of the synchronized channel modes, the parallel data for each channel is fed into a FIFO buffer where the output
is synchronized to RCA. If the TLK3114SC device is configured in one of the independent channel modes, the parallel
data for each channel is output synchronized to each channel’s recovered clock.
Transmitting data across PCB or cables attenuates the high frequency content of the signal. This reduces the timing
margin for the receiver and clock recovery circuits. The TLK3114SC device applies a filter at the receiver to invert
the effects of the interconnect, or equalize and recover some of the lost margin. This maximizes the receiver’s ability
to recover transmitted data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com