Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK3114SCZPV Datasheet(PDF) 55 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 55 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 51Page - Texas Instruments TLK3114SCZPV Datasheet HTML 52Page - Texas Instruments TLK3114SCZPV Datasheet HTML 53Page - Texas Instruments TLK3114SCZPV Datasheet HTML 54Page - Texas Instruments TLK3114SCZPV Datasheet HTML 55Page - Texas Instruments TLK3114SCZPV Datasheet HTML 56Page - Texas Instruments TLK3114SCZPV Datasheet HTML 57Page - Texas Instruments TLK3114SCZPV Datasheet HTML 58Page - Texas Instruments TLK3114SCZPV Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
3−37
3.28 Loopback Testing
The TLK3114SC device can provide a self-test function by enabling the internal loop-back path with the assertion of
LPENx for each channel, setting bit 14 (Loopback) of register 4.0 or 5.0, or by setting bit 3 (Loopback) of MDIO
channel configuration registers 17−20, 4.32769−4.32772, or 5.32769−5.32772. Enabling this terminal or bit causes
serial transmitted data to be routed internally to the receiver for that channel (see Figure 1−5). The parallel data output
can be compared to the parallel input data for that channel to provide functional verification. The external differential
output is held in a high-impedance state during the loop-back testing.
3.29 Power-On Reset
Upon application of minimum valid power, the TLK3114SC device generates an internal power-on reset. During the
power-on reset the receive data terminals RDx[0:9] are tri-stated and the recovered receive clock terminals RC[A−D]
are held low. The length of the power-on reset cycle is dependent upon the frequency of the reference clock,
RFCP/RFCN, but is less than 1 ms in duration.
3.30 Differences Between the TLK31x4Sx Devices
The TLK31x4Sx class of devices contain several differences. The TLK3114 series represents improvements in robust
performance across operating conditions. The TLK3114 device class, however, contains distinct several functional
improvements and extensions beyond those included in the TLK3104SA device. These differences are outlined in
Table 3−45.
Table 3−45. Comparison of TLK3104SA and TLK3114SC Devices
PARAMETER/FUNCTION
TLK3104SA
TLK3114SC
HSTL
Supports HSTL scaled to 1.8 V
Buffers optimized for 1.5-V HSTL, although they
still support 1.8-V scaled HSTL. See Section 3.10.
Comma detect
Comma detect on positive comma only
Comma detect on both positive and negative
commas. See Section 3.12.
Improved error reporting
LOS and decode errors reported as 0xFF
Enhanced reporting. See Table 3−6.
End-of-packet error detection and reporting
Not supported
Supported. See Section 3.14.
Local fault and remote fault detection and
reporting
Not supported
Supported. See Section 3.15.
IPG code generation and stripping
Not supported
Supported. See Section 3.18.
Clock tolerance compensation
Not supported
Supported. See Section 3.19.
Repeater mode
Not supported
Supported. See Section 3.23.
Power
Low power
Further reduced power
Serial receive
XAUI compliant
Improved signal tolerance
Terminal A1
TRSTN
ENABLE
Terminal U1
ENABLE
DADR0
Clause 45 MDIO
Not supported
Supported. See Section 3.25.
MDIO PHY/PRT address name
DVAD[0:4]
PADR[0:4]
MDIO DEV address specifier
Not supported
DADR0. See Section 3.25.
The ENABLE terminal on the TLK3104SA device is U1. On the TLK3114SC device the ENABLE terminal is terminal
A1. The TLK3114 devices are compatible with a design intended for the TLK3104SA device. The TLK3104SA design
would be required to pull U1 high and A1 high. If a TLK3114SC device was substituted then U1 would be ignored,
since only clause 22 MDIO transactions would be executed, and A1 would still be required to be high. Also, the JTAG
standard, IEEE 1149.1, specifies that TRSTN is optional as long as there is an ENABLE or reset terminal which
accomplishes the same task. The TLK3114 devices place ENABLE where the TLK3104SA device had TRSTN so
that JTAG function is unaffected.
MDIO register addresses have been renamed to better reflect terminology in IEEE 802.3ae clause 45. The name
changes do not reflect a functional change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com