Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK3114SCZPV Datasheet(PDF) 46 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 46 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 42Page - Texas Instruments TLK3114SCZPV Datasheet HTML 43Page - Texas Instruments TLK3114SCZPV Datasheet HTML 44Page - Texas Instruments TLK3114SCZPV Datasheet HTML 45Page - Texas Instruments TLK3114SCZPV Datasheet HTML 46Page - Texas Instruments TLK3114SCZPV Datasheet HTML 47Page - Texas Instruments TLK3114SCZPV Datasheet HTML 48Page - Texas Instruments TLK3114SCZPV Datasheet HTML 49Page - Texas Instruments TLK3114SCZPV Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
3−28
Table 3−21. Channel C Configuration Registers Bit Definitions (Register 19)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15:12
Reserved
Read returns all 0s, writes are ignored.
Read-only
11
Clock tolerance compensation
1 = Enable clock tolerance compensation.
0 = Disable clock tolerance compensation (default).
Logically ORed with register 16, bit 11.
Read/Write
10:9
Multifunction pin output
Multifunction (MFC) pin configuration for channel C.
Bit 10
Bit 9
MFC Output
0
0
HSTL = 1, SSTL_2 = 0 (default)
0
1
1 = Comma detected, 0 = data
1
0
Register 22, bit 2 (LOS)
1
1
Register 22, bit 6 (PRBS Pass)
Logically ORed with register 16, bits 10 and 9.
Read/Write
8
Loss of signal detection
1 = Enable LOS condition described in Table 3−7 for channel C (default).
0 = Disable this function.
Logically AND’ed with register 16, bit 8.
Read/Write
7
Configuration: Config1
Configuration bits (see Table 3−10), default value = 0
When CONFIG1 = low, this bit can be set to 1.
When CONFIG1 = high, this bit is read-only.
Logically ORed with register 16, bit 7.
Read/Write
6
Configuration: Config0
Configuration bits (see Table 3−10), default value = 0
When CONFIG0 = low, this bit can be set to 1.
When CONFIG0 = high, this bit is read-only.
Logically ORed with register 16, bit 6.
Read/Write
5
Preemphasis: Pre2
Programmable preemphasis control (see Table 3−9), default value = 0.
Logically ORed with register 16, bit 5.
Read/Write
4
Preemphasis: Pre1
Programmable preemphasis control (see Table 3−9), default value = 0.
Logically ORed with register 16, bit 4.
Read/Write
3
Loopback
1 = Enable loopback mode on channel C.
0 = Disable loopback mode on channel C (default).
Logically ORed with register 0, bit 14.
Read/Write
2
PRBS enable
1 = Enable PRBS internal generation and verification on channel C.
0 = Normal operation (default).
Logically ORed with register 16, bit 2
When PRBSEN = low, this bit can be set to 1.
When PRBSEN = high, this bit is read-only.
Read/Write
1
Comma detect enable
1 = Enable K28.5 code detection and bit alignment on channel C (default).
0 = Disable K28.5 code detection on channel C.
Logically AND’ed with SYNCEN and register 16, bit 1.
Read/Write
0
Power down
1 = Power-down mode is enabled for channel C.
0 = Normal operation (default).
Logically ORed with register 0, bit 11.
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com