Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK3114SCZPV Datasheet(PDF) 52 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 52 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 48Page - Texas Instruments TLK3114SCZPV Datasheet HTML 49Page - Texas Instruments TLK3114SCZPV Datasheet HTML 50Page - Texas Instruments TLK3114SCZPV Datasheet HTML 51Page - Texas Instruments TLK3114SCZPV Datasheet HTML 52Page - Texas Instruments TLK3114SCZPV Datasheet HTML 53Page - Texas Instruments TLK3114SCZPV Datasheet HTML 54Page - Texas Instruments TLK3114SCZPV Datasheet HTML 55Page - Texas Instruments TLK3114SCZPV Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
3−34
Table 3−32. PHY XS Status 1 Register (Register 4.1)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15:8
Reserved
Read is ignored.
Read-only
7
Local fault
Logical OR of register 4.8, bits 10 and 11.
Read-only
6:3
Reserved
Read is ignored.
Read-only
2
TX link status
1 = Link is up
0 = Link is down
Latches low until read.
Read-only
1:0
Reserved
Read is ignored.
Read-only
Table 3−33. PHY XS Speed Ability Register (Register 4.4)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15:1
Reserved
Read returns all 0s.
Read-only
0
10G capable
Read returns 1.
Read-only
Table 3−34. Devices in Package Register (Register 4.5)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15:6
Reserved
Read is ignored.
Read-only
5
DTE XS present
1 = Device is configured as a DTE XS.
0 = Device is configured as a PHY XS.
Read-only
4
PHY XS present
1 = Device is configured as a PHY XS.
0 = Device is configured as a DTE XS.
Read-only
3:1
Not applicable
Read returns all 0s.
Read-only
0
Clause 22 registers present
Read returns 1.
Read-only
Table 3−35. 10G PHY XS Status 2 Register (Register 4.8)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15
Device present
Read returns 1.
Read-only
14
Device present
Read returns 0.
Read-only
13:12
Reserved
Read is ignored.
Read-only
11
Transmit local fault
1 = Transmit fault detected
0 = No transmit fault detected
Latches high until read.
Read-only
10
Receive local fault
1 = Receive fault detected
0 = No receive fault detected
Latches high until read.
Read-only
9:0
Reserved
Read is ignored.
Read-only
Table 3−36. 10G PHY XGXS Lane Status Register (Register 4.24)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15:13
Reserved
Read is ignored.
Read-only
12
Lane alignment
1 = PHY XGXS transmit lanes aligned
0 = PHY XGXS transmit lanes not aligned
Read-only
11:4
Reserved
Read is ignored.
Read-only
3
Lane D sync
Lane D is synchronized.
Read-only
2
Lane C sync
Lane C is synchronized.
Read-only
1
Lane B sync
Lane B is synchronized.
Read-only
0
Lane A sync
Lane A is synchronized.
Read-only
MDIO registers 4.32768−4.32781 are analogous to registers 16−29. The following table cross references the
appropriate register definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com