Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK3114SCZPV Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 7Page - Texas Instruments TLK3114SCZPV Datasheet HTML 8Page - Texas Instruments TLK3114SCZPV Datasheet HTML 9Page - Texas Instruments TLK3114SCZPV Datasheet HTML 10Page - Texas Instruments TLK3114SCZPV Datasheet HTML 11Page - Texas Instruments TLK3114SCZPV Datasheet HTML 12Page - Texas Instruments TLK3114SCZPV Datasheet HTML 13Page - Texas Instruments TLK3114SCZPV Datasheet HTML 14Page - Texas Instruments TLK3114SCZPV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
1−5
MUX
8-B/10-B
Encoder
10
TDx[7:0]
Tx FIFO
KGENx
TDx[9:0]
TCx
TDx[9:0]
10
MUX
10
PRBS
Generator
10
Parallel to
Serial
Baud Clock
Multiplying Clock
Synthesizer
Baud Clock
Interpolator and
Clock Recovery
MUX
Recovered
Clock
Serial to
Parallel and
Comma Detect
8-B/10-B
Decoder-
PRBS
Verification
10
10
RDx[7:0]
MUX
KFLAGx
10
RDx[9:0]
MUX
TXxP
LPENx
PRBSEN
CODE
RFCN
RFCP
RCx
RCA
PSYNC
CODE
TXxN
RXxP
RXxN
Mode
Selector
CONFIG0
CONFIG1
CTC
Q
D
SYNCEN
Figure 1−5. Block Diagram of Individual Channel
1.1
Features
•
Quad 3.125 Gbps per channel transceiver providing 10-Gbps data throughput
•
IEEE 802.3 10-Gbps Ethernet XGXS compliant including:
−
XGMII parallel interface to MAC and XAUI serial interfaces
−
Clock tolerance compensation with column add/drop
−
XAUI interpacket gap /A/, /K/, and /R/ code generation and stripping
−
Remote and local fault reporting on the XGMII as defined
•
MDIO interface
•
Selectable synchronized or independent channel operation
•
Selectable transmit-only, receiver-only, transceiver, and repeater functions
•
Selectable on-chip 8-b/10-b ENDEC
•
On-chip receive equalization
•
Receiver differential input thresholds 200 mVP-P
•
On-chip 100-
Ω differential receiver termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com