Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK3114SCZPV Datasheet(PDF) 63 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 63 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 59Page - Texas Instruments TLK3114SCZPV Datasheet HTML 60Page - Texas Instruments TLK3114SCZPV Datasheet HTML 61Page - Texas Instruments TLK3114SCZPV Datasheet HTML 62Page - Texas Instruments TLK3114SCZPV Datasheet HTML 63Page - Texas Instruments TLK3114SCZPV Datasheet HTML 64Page - Texas Instruments TLK3114SCZPV Datasheet HTML 65Page - Texas Instruments TLK3114SCZPV Datasheet HTML 66Page - Texas Instruments TLK3114SCZPV Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
4−7
_
+
VDDQ
R
Ω
50
Ω
Output
PCB
Input
Transmission Line
GND
50
Ω
VREF
R
Ω
VREF
50
Ω
(optional)
NOTE: The output buffer of the TLK3114SC has on-chip termination of 50
Ω. The
output signal is compliant with the JEDEC SSTL_2 Class 1 specification.
Line termination on the receive end is optional and not recommended for
low-power applications.
Figure 4−10. SSTL_2 Class 1 I/O
_
+
VDDQ
R
Ω
50
Ω
Output
PCB
Input
Transmission Line
GND
50
Ω
VREF
R
Ω
NOTE: The TLK3114SC provides a push-pull effect on the output buffer for
externally sourced series terminated loads. In HSTL mode, the signal swing
is small, allowing for minimal power consumption and low electromagnetic
emission (EME). To assure sufficient signal levels on the receive side, no
termination resistor is used.
Figure 4−11. HSTL I/O
4.12 Package Dissipation Rating
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Airflow = 0 M/S
21.6
°C/W
θJA
Junction to free air thermal resistance
Airflow = 1 M/S
17.8
°C/W
JA
Junction to free air thermal resistance
Airflow = 2 M/S
16.7
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com