Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK3114SCZPV Datasheet(PDF) 9 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 5Page - Texas Instruments TLK3114SCZPV Datasheet HTML 6Page - Texas Instruments TLK3114SCZPV Datasheet HTML 7Page - Texas Instruments TLK3114SCZPV Datasheet HTML 8Page - Texas Instruments TLK3114SCZPV Datasheet HTML 9Page - Texas Instruments TLK3114SCZPV Datasheet HTML 10Page - Texas Instruments TLK3114SCZPV Datasheet HTML 11Page - Texas Instruments TLK3114SCZPV Datasheet HTML 12Page - Texas Instruments TLK3114SCZPV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
1−3
The TLK3114SC device operates with a single 2.5-V supply and dissipates less than 3 W. The device is packaged
in a 19-mm
×19−mm, 289-terminal plastic ball grid array (PBGA) package and is characterized for operation from
0
°C to 70°C.
The TLK3114SC device is a member of a family of CMOS multi-gigabit transceivers, intended for use in high-speed
bidirectional point-to-point data transmission systems.
Figure 1−4 provides a high−level description of the TLK3114SC device. For a detailed diagram of the individual
channels, see Figure 1−5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com