Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4088 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 64Page - NXP Semiconductors LPC4088 Datasheet HTML 65Page - NXP Semiconductors LPC4088 Datasheet HTML 66Page - NXP Semiconductors LPC4088 Datasheet HTML 67Page - NXP Semiconductors LPC4088 Datasheet HTML 68Page - NXP Semiconductors LPC4088 Datasheet HTML 69Page - NXP Semiconductors LPC4088 Datasheet HTML 70Page - NXP Semiconductors LPC4088 Datasheet HTML 71Page - NXP Semiconductors LPC4088 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
68 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
7.37.5 AHB multilayer matrix
The LPC408x/7x use an AHB multilayer matrix. This matrix connects the instruction
(I-code) and data (D-code) CPU buses of the ARM Cortex-M4 to the flash memory, the
main (32 kB) static RAM, and the Boot ROM. The GPDMA can also access all of these
memories. Additionally, the matrix connects the CPU system bus and all of the DMA
controllers to the various peripheral functions.
7.37.6 External interrupt inputs
The LPC408x/7x include up to 30 edge sensitive interrupt inputs combined with one level
sensitive external interrupt input as selectable pin function. The external interrupt input
can optionally be used to wake up the processor from Power-down mode.
7.37.7 Memory mapping control
The Cortex-M4 incorporates a mechanism that allows remapping the interrupt vector table
to alternate locations in the memory map. This is controlled via the Vector Table Offset
Register contained in the NVIC.
The vector table may be located anywhere within the bottom 1 GB of Cortex-M4 address
space. The vector table must be located on a 128 word (512 byte) boundary because the
NVIC on the LPC408x/7x is configured for 128 total interrupts.
7.38 Debug control
Debug and trace functions are integrated into the ARM Cortex-M4. Serial wire debug and
trace functions are supported in addition to a standard JTAG debug and parallel trace
functions. The ARM Cortex-M4 is configured to support up to eight breakpoints and four
watch points.
8.
Limiting values
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(3V3)
supply voltage (3.3 V)
external rail
2.4
3.6
V
VDD(REG)(3V3)
regulator supply voltage (3.3 V)
2.4
3.6
V
VDDA
analog 3.3 V pad supply voltage
0.5
+4.6
V
Vi(VBAT)
input voltage on pin VBAT
for the RTC
0.5
+4.6
V
Vi(VREFP)
input voltage on pin VREFP
0.5
+4.6
V
VIA
analog input voltage
on ADC related
pins
0.5
+5.1
V
VI
input voltage
5 V tolerant digital
I/O pins;
VDD(3V3)  2.4V
[2]
0.5
+5.5
V
VDD(3V3)  0 V
0.5
+3.6
V
other I/O pins
[2][3]
0.5
VDD(3V3) +
0.5
V
IDD
supply current
per supply pin
-
100
mA
ISS
ground current
per ground pin
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com