Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4088 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 67Page - NXP Semiconductors LPC4088 Datasheet HTML 68Page - NXP Semiconductors LPC4088 Datasheet HTML 69Page - NXP Semiconductors LPC4088 Datasheet HTML 70Page - NXP Semiconductors LPC4088 Datasheet HTML 71Page - NXP Semiconductors LPC4088 Datasheet HTML 72Page - NXP Semiconductors LPC4088 Datasheet HTML 73Page - NXP Semiconductors LPC4088 Datasheet HTML 74Page - NXP Semiconductors LPC4088 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
71 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
Table 10.
Thermal resistance value (TFBGA packages)
Tamb = 40 C to +85 C unless otherwise specified.
Thermal resistance value (
C/W): ±15 %
TFBGA180
TFBGA208
ja
JEDEC (4.5 in
 4 in)
0 m/s
47
43
1 m/s
39
37
2.5 m/s
35
33
8-layer (4.5 in
 3 in)
0 m/s
39
37
1 m/s
35
33
2.5 m/s
31
30
jc
8.5
7.4
jb
13
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com