Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055N Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 9Page - STMicroelectronics STLC3055N_09 Datasheet HTML 10Page - STMicroelectronics STLC3055N_09 Datasheet HTML 11Page - STMicroelectronics STLC3055N_09 Datasheet HTML 12Page - STMicroelectronics STLC3055N_09 Datasheet HTML 13Page - STMicroelectronics STLC3055N_09 Datasheet HTML 14Page - STMicroelectronics STLC3055N_09 Datasheet HTML 15Page - STMicroelectronics STLC3055N_09 Datasheet HTML 16Page - STMicroelectronics STLC3055N_09 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
STLC3055N
Functional description
13/34
Figure 6.
Metering pulse generation circuit.
The waveform so generated is then filtered and injected on the line.
The low pass filter can be obtained using the integrated buffer OP1 connected between pin
FTTX (OP1 non inverting input) and RTTX (OP1 output) (see Figure 6) and implementing a
"Sallen and Key" configuration. Depending on the external components count it is possible
to build an optimised application depending on the distortion level required. In particular
harmonic distortion levels equal to 13 %, 6 % and 3 % can be obtained respectively with
first, second and third order filters (see Figure 6).
The circuit showed in Figure 8: Application diagram with metering pulse generation. on
page 20 is related to the simple first order filter.
Once the shaped and filtered signal is obtained at RTTX buffer output it is injected on the
TIP/RING pins with a +6 dB gain or +12 dB gain.
It should be noted that this is the nominal condition obtained in presence of ideal TTX echo
cancellation (obtained via proper setting of RTTX and CTTX).
In addition, the effective level obtained on the line will depend on the line impedance and the
protection resistors value. In the typical application (TTX line impedance =200
Ω, RP = 50 Ω,
and ideal TTX echo cancellation) the metering pulse level on the line will be 1.33 or 2.66
times the level applied to the RTTX pin.
As already mentioned the metering pulse echo cancellation is obtained by means of two
external components (RTTX and CTTX) that should match the line impedance at the TTX
frequency. This simple network has a double effect:
Synthesize a low output impedance at the TIP/RING pins at the TTX frequency.
Cut the eventual TTX echo that will be transferred from the line to the TX output.
4.2.4
Ringing
When this mode is selected STLC3055N self generate an higher negative battery (-70 V
typ.) in order to allow a balanced ringing signal of typically 65 Vpeak.
In this condition both the DC and AC feedback are disabled and the SLIC line drivers
operate as voltage buffers. The ring waveform is obtained toggling the D2 control bit at the
CTTX1
CTTX2
CS
RLV
RLV
SQTTX
BURST
D0
CKTTX
SHAPING
GENERATOR
Square wave pulse metering
Sinusoidal wave
pulse metering
RTTX
FTTX
Low Pass Filter
-
+
OP1
CFL
R1
R2
C2
C1
Required external components vs. filter order.
Order
CFL
R1
C1
R2
C2
THD
1
X13%
2
XXX
X
6%
3
X
XXX
X
3%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com