Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055N Datasheet(PDF) 29 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 25Page - STMicroelectronics STLC3055N_09 Datasheet HTML 26Page - STMicroelectronics STLC3055N_09 Datasheet HTML 27Page - STMicroelectronics STLC3055N_09 Datasheet HTML 28Page - STMicroelectronics STLC3055N_09 Datasheet HTML 29Page - STMicroelectronics STLC3055N_09 Datasheet HTML 30Page - STMicroelectronics STLC3055N_09 Datasheet HTML 31Page - STMicroelectronics STLC3055N_09 Datasheet HTML 32Page - STMicroelectronics STLC3055N_09 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
STLC3055N
Overvoltage protection
29/34
7
Overvoltage protection
Figure 19.
Simplified configuration for indoor overvoltage protection
Figure 20.
Standard overvoltage protection configuration for K20 compliance
TIP
RING
BGND
VBAT
RP1
RP2
RP1
RP2
STLC3055N
TIP
RING
RP1 = 30ohm:
RP2 =Fuse or PTC > 18ohm
STPR120A
STPR120A
TIP
BGND
VBAT
RP1
RP2
RP1 = 30ohm:
RP2 =Fuse or PTC > 18ohm
STLC3055N
TIP
RING
RP1
RP2
RING
LCP1521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com