Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055N Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 19Page - STMicroelectronics STLC3055N_09 Datasheet HTML 20Page - STMicroelectronics STLC3055N_09 Datasheet HTML 21Page - STMicroelectronics STLC3055N_09 Datasheet HTML 22Page - STMicroelectronics STLC3055N_09 Datasheet HTML 23Page - STMicroelectronics STLC3055N_09 Datasheet HTML 24Page - STMicroelectronics STLC3055N_09 Datasheet HTML 25Page - STMicroelectronics STLC3055N_09 Datasheet HTML 26Page - STMicroelectronics STLC3055N_09 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
STLC3055N
Electrical characteristics
23/34
Ovl
2W overload level
at line terminals on ref. imped.
ACTIVE N. P., RL = 600 Ω
(1)
3.2
dBm
TXoff
TX output offset
ACTIVE N. P., RL = 600 Ω
(1)
-250
250
mV
G24
Transmit gain abs.
0dBm @ 1020Hz,
ACTIVE N. P., RL = 600 Ω
(1)
-6.4
-5.6
dB
G42
Receive gain abs.
0dBm @ 1020Hz,
ACTIVE N. P., RL = 600 Ω
(1)
-0.4
0.4
dB
G24f
TX gain variation vs. freq.
rel. 1020Hz; 0 dBm,
300 to 3400 Hz,
ACTIVE N. P., RL = 600 Ω
(1)
-0.12
0.12
dB
G24f
RX gain variation vs. freq.
rel. 1020 Hz; 0 dBm,
300 to 3400 Hz,
ACTIVE N. P., RL = 600 Ω
(1)
-0.12
0.12
dB
V2Wp
Idle channel noise at line 0dB
gainset
psophometric filtered
ACTIVE N. P., RL = 600 Ω
(1)
Tamb = 0 to +85 °C
-73
-68
dBmp
V2Wp
Idle channel noise at line 0dB
gainset
psophometric filtered
ACTIVE N. P., RL = 600 Ω
(1)
Tamb = -40 to +85 °C
-68
dBmp
V4Wp
Idle channel noise at line 0dB
gainset
psophometric filtered
ACTIVE N. P., RL = 600 Ω
(1)
Tamb = 0 to +85 °C
-75
-70
dBmp
V4Wp
Idle channel noise at line 0dB
gainset
psophometric filtered
ACTIVE N. P., RL = 600 Ω
(1)
Tamb = -40 to +85 °C
-75
dBmp
Thd
Total Harmonic Distortion
ACTIVE N. P., RL = 600 Ω
(1)
-44
dB
VTTX
Metering pulse level on line
ACTIVE - TTX; Gain Set = 1
Zl = 200
Ω fttx = 12 kHz;
260
340
mVrms
CLKfreq
CLK operating range
-10%
125
10%
kHz
Ring
Vring
Line voltage
RING D2 toggling @ fr = 25 Hz
Load = 3REN;
Crest Factor = 1.25
1REN = 1800
Ω + 1.0 μF
Tamb = 0 to +85°C
45
49
Vrms
Table 13.
Electrical characteristics (continued)
Test conditions: Vpos = 6.0V, AGND = BGND, normal polarity, Tamb = 25 °C.
External components as listed in the "typical values" column of external components table.
Note: Testing of all parameter is performed at 25 °C. Characterisation as well as design
rules used allow correlation of tested performances at other temperatures. All parameters
listed here are met in the operating range: -40 to +85 °C.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com