Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055N Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 21Page - STMicroelectronics STLC3055N_09 Datasheet HTML 22Page - STMicroelectronics STLC3055N_09 Datasheet HTML 23Page - STMicroelectronics STLC3055N_09 Datasheet HTML 24Page - STMicroelectronics STLC3055N_09 Datasheet HTML 25Page - STMicroelectronics STLC3055N_09 Datasheet HTML 26Page - STMicroelectronics STLC3055N_09 Datasheet HTML 27Page - STMicroelectronics STLC3055N_09 Datasheet HTML 28Page - STMicroelectronics STLC3055N_09 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
STLC3055N
Electrical characteristics
25/34
Digital interface
INPUTS: D0, D1, D2, PD, CLK
OUTPUTS: DET
Vih
In put high voltage
2
V
Vil
Input low voltage
0.8
V
Iih
Input high current
-10
10
μA
Iil
Input low current
-10
10
μA
Vol
Output low voltage
Iol = 1mA
0.45
V
PSRR and power consumption
PSERRC
Power supply rejection Vpos to
2W port
Vripple = 100mVrms
50 to 4000Hz
26
36
dB
Ivpos
Vpos supply current @ ii = 0
HI-Z On-Hook
ACTIVE On-Hook,
RING (line open)
13
50
55
25
80
90
mA
mA
mA
Ipk
Peak current limiting accuracy
RING Off-Hook
RSENSE = 110m
Ω
-20%
950
+20%
mApk
1.
RL: Line Resistance
2.
Rlrt = Maximum loop resistance (incl. telephone) for correct ring trip detection.
Table 13.
Electrical characteristics (continued)
Test conditions: Vpos = 6.0V, AGND = BGND, normal polarity, Tamb = 25 °C.
External components as listed in the "typical values" column of external components table.
Note: Testing of all parameter is performed at 25 °C. Characterisation as well as design
rules used allow correlation of tested performances at other temperatures. All parameters
listed here are met in the operating range: -40 to +85 °C.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com