Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055N Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 16Page - STMicroelectronics STLC3055N_09 Datasheet HTML 17Page - STMicroelectronics STLC3055N_09 Datasheet HTML 18Page - STMicroelectronics STLC3055N_09 Datasheet HTML 19Page - STMicroelectronics STLC3055N_09 Datasheet HTML 20Page - STMicroelectronics STLC3055N_09 Datasheet HTML 21Page - STMicroelectronics STLC3055N_09 Datasheet HTML 22Page - STMicroelectronics STLC3055N_09 Datasheet HTML 23Page - STMicroelectronics STLC3055N_09 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Application information
STLC3055N
20/34
5.3
Application diagram
Figure 8.
Application diagram with metering pulse generation.
CS
Pulse metering shaping
capacitor
CS =
τ/(2⋅RLV)
100 nF 10% 10V
@
τ = 3.2 ms, RLV = 16.2 kΩ
CFL
Pulse metering filter capacitor
CFL = 2/(2
π⋅fttx⋅RLV)
1.5nF 10% 10 V
@fttx = 12 kHz RLV = 16.2 k
Ω
1.
In case Zs=Zl, ZA and ZB can be replaced by two resistors of same value: RA=RB=|Zs|.
2.
Defining ZTTX as the impedance of RTTX in series with CTTX, RTTX and CTTX can also be calculated from the following
formula:
ZTTX=50*(Zlttx+2Rp).
3.
In this case CTTX is just operating as a DC decoupling capacitor (fp=100 Hz).
Table 12.
External components @gain set = 1 (continued)
Name
Function
Formula
Typ. value
ZAC
RS
RRX
ZA
ZB
CCOMP
TX
ZAC1
ZAC
ZB
TX
CONTROL
INTERFACE
D0
GAIN SET
D1
D2
BGND
CVCC
CAC
CAC
IREF
RREF
GATE
VBAT
P-ch
Q1
RF1
CLK
CREV
CREV
D00TL489A
CSVR
STLC3055N
D0
D1
D2
DET
DET
ILTF
RLIM
RLIM
RTH
RTH
CSVR
RP
TIP
AGND
VPOS
VPOS
CH
RSENSE
D1
RX
RX
RS
CTTX2
RTTX
CS
CFL
RLV
RLV
TTX CLOCK
CTTX
CVCC
RSENSE
RF2
CV
VF
L
CLK
RP
RING
TIP
RING
CVPOS
RDD
RD
RD
CKTTX
CTTX1
FTTX
RTTX
SYSTEM GND
AGND
BGND
SUGGESTED GROUND LAY-OUT
VDD
CVB
CRD
PGND
PD
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com