Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055N Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 18Page - STMicroelectronics STLC3055N_09 Datasheet HTML 19Page - STMicroelectronics STLC3055N_09 Datasheet HTML 20Page - STMicroelectronics STLC3055N_09 Datasheet HTML 21Page - STMicroelectronics STLC3055N_09 Datasheet HTML 22Page - STMicroelectronics STLC3055N_09 Datasheet HTML 23Page - STMicroelectronics STLC3055N_09 Datasheet HTML 24Page - STMicroelectronics STLC3055N_09 Datasheet HTML 25Page - STMicroelectronics STLC3055N_09 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Electrical characteristics
STLC3055N
22/34
6
Electrical characteristics
Table 13.
Electrical characteristics
Test conditions: Vpos = 6.0V, AGND = BGND, normal polarity, Tamb = 25 °C.
External components as listed in the "typical values" column of external components table.
Note: Testing of all parameter is performed at 25 °C. Characterisation as well as design
rules used allow correlation of tested performances at other temperatures. All parameters
listed here are met in the operating range: -40 to +85 °C.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
DC characteristics
Vlohi
Line voltage
Il = 0, HI-Z
(High impedance feeding)
Tamb = 0 to 85 °C
44
50
V
Vlohi
Line voltage
Il = 0, HI-Z
(High impedance feeding)
Tamb = -40 to 85 °C
42
48
V
Vloa
Line voltage
Il = 0, ACTIVE
Tamb = 0 to 85 °C
33
40
V
Vloa
Line voltage
Il = 0, ACTIVE
Tamb = -40 to 85 °C
31
37
V
Ilim
Lim. current programming
range
ACTIVE mode
20
40
mA
Ilima
Lim. current accuracy
ACTIVE mode.
Rel. to programmed value
20 mA to 40 mA
-10
10
%
Rfeed HI
Feeding resistance
HI-Z (High Impedance feeding)
2.4
3.6
k
Ω
AC characteristics
L/T
Long. to transv.
(see Section 6.1: Test circuits.)
Rp = 50
Ω, 1% tol.,
ACTIVE N. P., RL = 600 Ω
(1)
f = 300 to 3400 Hz
50
58
dB
T/L
Transv. to long.
(see Section 6.1: Test circuits.)
Rp = 50
Ω, 1% tol.,
ACTIVE N. P., RL = 600 Ω
(1)
f = 300 to 3400 Hz
40
45
dB
T/L
Transv. to long.
(see Section 6.1: Test circuits.)
Rp = 50
Ω, 1% tol.,
ACTIVE N. P., RL = 600 Ω
(1)
f = 1 kHz
48
53
dB
2WRL
2W return loss
300 to 3400 Hz,
ACTIVE N. P., RL = 600 Ω
(1)
22
26
dB
THL
Trans-hybrid loss
300 to 3400 Hz,
20Log|VRX/VTX|,
ACTIVE N. P., RL = 600 Ω
(1)
30
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com