Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055N Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 13Page - STMicroelectronics STLC3055N_09 Datasheet HTML 14Page - STMicroelectronics STLC3055N_09 Datasheet HTML 15Page - STMicroelectronics STLC3055N_09 Datasheet HTML 16Page - STMicroelectronics STLC3055N_09 Datasheet HTML 17Page - STMicroelectronics STLC3055N_09 Datasheet HTML 18Page - STMicroelectronics STLC3055N_09 Datasheet HTML 19Page - STMicroelectronics STLC3055N_09 Datasheet HTML 20Page - STMicroelectronics STLC3055N_09 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
STLC3055N
Application information
17/34
5.2
External components list
In order to properly define the external components value the following system parameters
have to be defined:
The AC input impedance shown by the SLIC at the line terminals "Zs" to which the
return loss measurement is referred. It can be real (typ. 600
Ω) or complex.
The AC balance impedance, it is the equivalent impedance of the line "Zl" used for
evaluation of the trans-hybrid loss performances (2/4 wire conversion). It is usually a
complex impedance.
The value of the two protection resistors Rp in series with the line termination. The line
impedance at the TTX frequency "Zlttx".
The metering pulse level amplitude measured at line termination "VLOTTX". In case of
low order filtering, VLOTTX represents the amplitude (Vrms) of the fundamental
frequency component. (typ 12 or 16 kHz).
Pulse metering envelope rise and decay time constant "
τ".
The slope of the ringing waveform "
ΔV
TR/ΔT ".
The value of the constant current limit current "Ilim".
The value of the off-hook current threshold "ITH".
The value of the ring trip rectified average threshold current "IRTH".
The value of the required self generated negative battery "VBATR" in ring mode (max
value is 70 V). This value can be obtained from the desired ring peak level +5 V.
The value of the maximum current peak sunk from Vpos "IPK".
Table 10.
External components
Name
Function
Formula
Typ. value
RRX
Rx input bias resistor
100 k
Ω 5%
RREF
Bias setting current
RREF = 1.3/Ibias
Ibias = 50
μA
26 k
Ω 1%
CSVR
Negative battery filter
CSVR = 1/(2
π ⋅ fp ⋅ 1.8 MΩ)
fp = 50 Hz
1.5 nF 10%
100 V
RD
Ring Trip threshold setting
resistor
RD = 100/IRTH
2k
Ω < RD < 5 kΩ
4.12 k
Ω 1%
@ IRTH = 24 mA
CAC
AC/DC split capacitance
22
μF 20% 15 V
@ RD = 4.12 k
Ω
RP
Line protection resistor
Rp > 30
Ω
50
Ω 1%
RLIM
Current limiting programming
RLIM = 1300/Ilim
32.5k
Ω < RLIM < 65kΩ
52.3 k
Ω 1%
@ Ilim = 25 mA
RTH
Off-hook threshold programming
(ACTIVE mode)
RTH = 290/ITH
27 k
Ω < RTH < 52 kΩ
32.4 k
Ω 1%
@ITH = 9 mA
CREV
Reverse polarity transition time
programming
CREV = ((1/3750) ·
ΔT/ΔV
TR)
22 nF 10% 10 V
@ 12 V/ms
RDD
Pull up resistors
100 k
Ω
CVCC
Internally supply filter capacitor
100 nF 20% 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com