Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AS016J Datasheet(PDF) 32 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 32 Page - SPANSION

Back Button S29AS016J Datasheet HTML 28Page - SPANSION S29AS016J Datasheet HTML 29Page - SPANSION S29AS016J Datasheet HTML 30Page - SPANSION S29AS016J Datasheet HTML 31Page - SPANSION S29AS016J Datasheet HTML 32Page - SPANSION S29AS016J Datasheet HTML 33Page - SPANSION S29AS016J Datasheet HTML 34Page - SPANSION S29AS016J Datasheet HTML 35Page - SPANSION S29AS016J Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
32
S29AS016J
S29AS016J_00_11 February 1, 2012
Da ta
Sh e e t
10.4
Enter Secured Silicon Sector/Exit Secured Silicon Sector Command
Sequence
The Secured Silicon Sector region provides a secured data area containing a random, sixteen-byte electronic
serial number (ESN). The system can access the Secured Silicon Sector region by issuing the three-cycle
Enter Secured Silicon Sector command sequence. The device continues to access the Secured Silicon
Sector region until the system issues the four-cycle Exit Secured Silicon Sector command sequence. The Exit
Secured Silicon Sector command sequence returns the device to normal operation. Table 11.1 shows the
addresses and data requirements for both command sequences. Note that the unlock bypass mode is not
available when the device enters the Secured Silicon Sector. For further information, see Secured Silicon
Sector Flash Memory Region on page 26.
10.5
Word/Byte Program Command Sequence
The system may program the device by word or byte, depending on the state of the BYTE# pin. Programming
is a four-bus-cycle operation. The program command sequence is initiated by writing two unlock write cycles,
followed by the program set-up command. The program address and data are written next, which in turn
initiate the Embedded Program algorithm. The system is not required to provide further controls or timings.
The device automatically generates the program pulses and verifies the programmed cell margin. Table 11.1
on page 36 shows the address and data requirements for the byte program command sequence.
When the Embedded Program algorithm is complete, the device then returns to reading array data and
addresses are no longer latched. The system can determine the status of the program operation by using
DQ7, DQ6, or RY/BY#. See Write Operation Status on page 38 for information on these status bits.
Any commands written to the device during the Embedded Program Algorithm are ignored. Note that a
hardware reset immediately terminates the programming operation. The Byte Program command sequence
should be reinitiated once the device has reset to reading array data, to ensure data integrity.
Programming is allowed in any sequence and across sector boundaries. A bit cannot be programmed from
a 0 back to a 1. Attempting to do so may halt the operation and set DQ5 to 1, or cause the Data# Polling
algorithm to indicate the operation was successful. However, a succeeding read will show that the data is still
0. Only erase operations can convert a 0 to a 1.
10.6
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to program bytes or words to the device faster than using the
standard program command sequence. The unlock bypass command sequence is initiated by first writing two
unlock cycles. This is followed by a third write cycle containing the unlock bypass command, 20h. The device
then enters the unlock bypass mode. A two-cycle unlock bypass program command sequence is all that is
required to program in this mode. The first cycle in this sequence contains the unlock bypass program
command, A0h; the second cycle contains the program address and data. Additional data is programmed in
the same manner. This mode dispenses with the initial two unlock cycles required in the standard program
command sequence, resulting in faster total programming time. Table 11.1 on page 36 shows the
requirements for the command sequence.
During the unlock bypass mode, only the Unlock Bypass Program and Unlock Bypass Reset commands are
valid. To exit the unlock bypass mode, the system must issue the two-cycle unlock bypass reset command
sequence. The first cycle must contain the data 90h; the second cycle the data F0h. Addresses are don’t care
for both cycles. The device then returns to reading array data.
Figure 10.1 on page 33 illustrates the algorithm for the program operation. See Erase/Program Operations
on page 49 for parameters, and to Figure 18.5 on page 49 for timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com