Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AS016J Datasheet(PDF) 16 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 16 Page - SPANSION

Back Button S29AS016J Datasheet HTML 12Page - SPANSION S29AS016J Datasheet HTML 13Page - SPANSION S29AS016J Datasheet HTML 14Page - SPANSION S29AS016J Datasheet HTML 15Page - SPANSION S29AS016J Datasheet HTML 16Page - SPANSION S29AS016J Datasheet HTML 17Page - SPANSION S29AS016J Datasheet HTML 18Page - SPANSION S29AS016J Datasheet HTML 19Page - SPANSION S29AS016J Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
16
S29AS016J
S29AS016J_00_11 February 1, 2012
Da ta
Sh e e t
7.3
Writing Commands/Command Sequences
To write a command or command sequence (which includes programming data to the device and erasing
sectors of memory), the system must drive WE# and CE# to VIL, and OE# to VIH.
For program operations, the BYTE# pin determines whether the device accepts program data in bytes or
words. See Word/Byte Configuration on page 15 for more information.
The device features an Unlock Bypass mode to facilitate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are required to program a word or byte, instead of four. Word/
Byte Program Command Sequence on page 32 has details on programming data to the device using both
standard and Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sectors, or the entire device. Table 7.3 on page 19 and
Table 7.4 on page 20 indicate the address space that each sector occupies. A “sector address” consists of
the address bits required to uniquely select a sector. The Command Definitions on page 31 has details on
erasing a sector or the entire chip, or suspending/resuming the erase operation.
After the system writes the autoselect command sequence, the device enters the autoselect mode. The
system can then read autoselect codes from the internal register (which is separate from the memory array)
on DQ7–DQ0. Standard read cycle timings apply in this mode. Refer to Autoselect Mode on page 18 and
Autoselect Command Sequence on page 31 for more information.
ICC2 in DC Characteristics on page 44 represents the active current specification for the write mode. AC
Characteristics on page 46 contains timing specification tables and timing diagrams for write operations.
7.4
Program and Erase Operation Status
During an erase or program operation, the system may check the status of the operation by reading the
status bits on DQ7–DQ0. Standard read cycle timings and ICC read specifications apply. Refer to Write
Operation Status on page 38 for more information, and to AC Characteristics on page 46 for timing diagrams.
7.5
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby mode. In this
mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state,
independent of the OE# input.
The device enters the CMOS standby mode when the CE# and RESET# pins are both held at VCC ± 0.2 V.
(Note that this is a more restricted voltage range than VIH.) If CE# and RESET# are held at VIH, but not within
VCC ± 0.2 V, the device will be in the standby mode, but the standby current will be greater. The device
requires standard access time (tCE) for read access when the device is in either of these standby modes,
before it is ready to read data.
If the device is deselected during erasure or programming, the device draws active current until the operation
is completed.
ICC3 and ICC4 represents the standby current specification shown in the table in DC Characteristics
on page 44.
7.6
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The device automatically enables
this mode when addresses remain stable for tACC + 30 ns. The automatic sleep mode is independent of the
CE#, WE#, and OE# control signals. Standard address access timings provide new data when addresses are
changed. While in sleep mode, output data is latched and always available to the system. ICC5 in the DC
Characteristics on page 44 represents the automatic sleep mode current specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com