Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AS016J Datasheet(PDF) 24 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 24 Page - SPANSION

Back Button S29AS016J Datasheet HTML 20Page - SPANSION S29AS016J Datasheet HTML 21Page - SPANSION S29AS016J Datasheet HTML 22Page - SPANSION S29AS016J Datasheet HTML 23Page - SPANSION S29AS016J Datasheet HTML 24Page - SPANSION S29AS016J Datasheet HTML 25Page - SPANSION S29AS016J Datasheet HTML 26Page - SPANSION S29AS016J Datasheet HTML 27Page - SPANSION S29AS016J Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
24
S29AS016J
S29AS016J_00_11 February 1, 2012
Da ta
Sh e e t
7.12
Temporary Sector Group Unprotect
This feature allows temporary unprotection of previously protected sectors to change data in-system. The
Sector Group Unprotect mode is activated by setting the RESET# pin to VID. During this mode, formerly
protected sectors can be programmed or erased by selecting the sector addresses. Once VID is removed
from the RESET# pin, all the previously protected sectors are protected again. Figure 7.2 shows the
algorithm, and Figure 18.10 on page 52 shows the timing diagrams, for this feature. If the WP# pin is at VIL,
the sectors protected by the WP# input will remain protected during the Temporary Sector Group Unprotect
mode.
Figure 7.2 Temporary Sector Group Unprotect Operation
Notes
1. All protected sector groups unprotected.
2. All previously protected sector groups are protected once again.
7.13
Write Protect (WP#)
The Write Protect function provides a hardware method of protecting certain boot sectors without using VID.
This function is one of two provided by the WP# pin.
If the system asserts VIL on the WP# pin, the device disables program and erase functions in the two
outermost 8-Kbyte boot sectors independently of whether those sectors were protected or unprotected using
the method described in Section 7.11, Sector Group Protection/Unprotection on page 21. The two outermost
8-Kbyte boot sectors are the two sectors containing the lowest addresses in a bottom-boot-configured device,
or the two sectors containing the highest addresses in a top-boot-configured device.
If the system asserts VIH on the WP# pin, the device reverts to whether the two outermost 8-KByte boot
sectors were last set to be protected or unprotected. That is, sector group protection or unprotection for these
two sectors depends on whether they were last protected or unprotected using the method described in
Section 7.11.
The WP# contains an internal pull-up; when unconnected, WP is at VIH.
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Group
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com