Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AS016J Datasheet(PDF) 46 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 46 Page - SPANSION

Back Button S29AS016J Datasheet HTML 42Page - SPANSION S29AS016J Datasheet HTML 43Page - SPANSION S29AS016J Datasheet HTML 44Page - SPANSION S29AS016J Datasheet HTML 45Page - SPANSION S29AS016J Datasheet HTML 46Page - SPANSION S29AS016J Datasheet HTML 47Page - SPANSION S29AS016J Datasheet HTML 48Page - SPANSION S29AS016J Datasheet HTML 49Page - SPANSION S29AS016J Datasheet HTML 50Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
46
S29AS016J
S29AS016J_00_11 February 1, 2012
Da ta
Sh e e t
18. AC Characteristics
18.1
Read Operations
Notes
1. Not 100% tested.
2. See Figure 16.1 on page 45 and Table 16.1 on page 45 for test specifications.
3. tRC must be same or longer than 70 ns right before read access to the flash (for devices with model numbers 01 and 02 only).
Figure 18.1 Read Operations Timings
Parameter
Description
Speed Options
JEDEC
Std
Test Setup
70
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
70
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
70
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
70
tGLQV
tOE
Output Enable to Output Delay
Max
25
tEHQZ
tDF
Chip Enable to Output High-Z (Note 1)
Max
25
tGHQZ
tDF
Output Enable to Output High-Z (Note 1)
Max
25
tOEH
Output Enable
Hold Time (Note 1)
Read
Min
0
Toggle and
Data# Polling
Min
10
tAXQX
tOH
Output Hold Time From Addresses, CE# or OE#,
Whichever Occurs First (Note 1)
Min
0
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
RY/BY#
RESET#
tDF
tSR/W
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com