Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AS016J Datasheet(PDF) 57 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 57 Page - SPANSION

Back Button S29AS016J Datasheet HTML 52Page - SPANSION S29AS016J Datasheet HTML 53Page - SPANSION S29AS016J Datasheet HTML 54Page - SPANSION S29AS016J Datasheet HTML 55Page - SPANSION S29AS016J Datasheet HTML 56Page - SPANSION S29AS016J Datasheet HTML 57Page - SPANSION S29AS016J Datasheet HTML 58Page - SPANSION S29AS016J Datasheet HTML 59Page - SPANSION S29AS016J Datasheet HTML 60Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
February 1, 2012 S29AS016J_00_11
S29AS016J
57
Data
She e t
21.3
VDF048—48-Ball Fine-Pitch Ball Grid Array (FBGA) 6.00 mm x 4.00 mm
Nx
Øb
E1
SE
e
5
3
4
6
2
1
B A
C
ED
F
G
J
KH
L
e
D1
BOTTOM VIEW
A1 CORNER
7
B
A
M
6
Ø 0.08
M
Ø 0.15
C
C
SIDE VIEW
A
C
0.10
A2
0.08 C
C
SEATING PLANE
A1
E
D
A1 CORNER
TOP VIEW
INDEX MARK
(2X)
0.05 C
0.05
(2X)
C
A
B
10
PACKAGE
VDF 048
JEDEC
N/A
6.00 mm x 4.00 mm NOM
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
0.76
0.86
1.00
OVERALL THICKNESS
A1
0.16
---
---
BALL HEIGHT
A2
0.60
0.66
0.72
BODY THICKNESS
D
5.92
6.00
6.08
BODY SIZE
E
3.92
4.00
4.08
BODY SIZE
D1
5.00 BSC.
BALL FOOTPRINT
E1
2.50 BSC.
BALL FOOTPRINT
MD
11
ROW MATRIX SIZE D DIRECTION
ME
6
ROW MATRIX SIZE E DIRECTION
N
48
TOTAL BALL COUNT
Øb
0.26
0.31
0.36
BALL DIAMETER
e
0.50 BSC.
BALL PITCH
SD / SE
0.00/0.25
SOLDER BALL PLACEMENT
A1,D3,D4,E2-E5,
DEPOPULATED SOLDER BALLS
F2-F5,G2-G5,H3,H4,L6
3424\ 16-038.25
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. BALL POSITION DESIGNATION PER JESD 95-1, SPP-010 (EXCEPT
AS NOTED).
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5. SYMBOL "MD" IS THE BALL ROW MATRIX SIZE IN THE
"D" DIRECTION.
SYMBOL "ME" IS THE BALL COLUMN MATRIX SIZE IN THE
"E" DIRECTION.
N IS THE TOTAL NUMBER OF SOLDER BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS
A AND B AND DEFINE THE POSITION OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN
THE OUTER ROW PARALLEL TO THE D OR E DIMENSION,
RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN
THE OUTER ROW, SD OR SE = e/2
8. NOT USED.
9. "+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com