Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326GEFL/V Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
47
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16529 (4091h)
Clock Control 2
15
XTAL_INH
0
Crystal Start-Up Inhibit
0 = Disabled
1 = Enabled
When XTAL_INH=0, the internal
RC oscillator will provide CLKOUT
until the crystal oscillator is valid.
When XTAL_INH=1, the ‘ON’
transition is inhibited until the
crystal oscillator is valid.
13
XTAL_ENA
0
Crystal Oscillator Enable
0 = Disabled at all times
1 = Enabled in OFF, ON, SLEEP
states
(Note that the BACKUP behaviour
is determined by
XTAL_BKUPENA.)
This field can only be written to by
loading configuration settings from
OTP/ICE. In all other cases, this
field is Read Only.
12
XTAL_BKUPE
NA
1
Selects the RTC and 32.768kHz
oscillator in BACKUP state
0 = RTC unclocked in BACKUP
1 = RTC maintained in BACKUP
(Note that XTAL_ENA must also
be set if the RTC is to be
maintained in BACKUP)
Table 16 Clocking Control
13.2 CRYSTAL OSCILLATOR INTERRUPTS
The Crystal Oscillator (XTAL) is associated with two Interrupt event flags.
The XTAL_START_EINT interrupt is set if the crystal oscillator fails to start-up within a timeout period
of approximately 24 seconds.
The XTAL_TAMPER_EINT interrupt is set if the crystal oscillator is stopped unexpectedly (eg. due to
tampering). Note that this interrupt is only supported if the crystal oscillator has previously started up
successfully. The XTAL_TAMPER_EINT is also set if the crystal oscillator is re-started following an
unexpected interruption.
Each of these secondary interrupts triggers a primary Real Time Clock and Crystal Oscillator
Interrupt, RTC_INT (see Section 23). In the case of XTAL_START_EINT, this can be masked by
setting the mask bit(s) as described in Table 17.
ADDRESS
BIT
LABEL
DESCRIPTION
R16404
(4014h)
Interrupt Status
4
7
XTAL_START_EINT
Crystal Oscillator Start Failure interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
6
XTAL_TAMPER_EINT
Crystal Oscillator Tamper interrupt
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
R16412
(401Ch)
Interrupt Status
4 Mask
7
IM_XTAL_START_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 17 Crystal Oscillator (XTAL) Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com