Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326GEFL/V Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
80
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9:8
LDO6_HWC
_MODE
10
Same as LDO1
7
LDO6_FLT
0
Same as LDO1
6
LDO6_SWI
0
Same as LDO1
0
LDO6_LP_M
ODE
0
Same as LDO1
R16504 (4078h)
LDO6 ON
Control
15:13
LDO6_ON_S
LOT [2:0]
000
Same as LDO1
8
LDO6_ON_
MODE
0
Same as LDO1
4:0
LDO6_ON_V
SEL [4:0]
00000
Same as LDO1
R16505 (4079h)
LDO6 SLEEP
Control
15:13
LDO6_SLP_
SLOT [2:0]
000
Same as LDO1
8
LDO6_SLP_
MODE
0
Same as LDO1
4:0
LDO6_SLP_
VSEL [4:0]
00000
Same as LDO1
Table 34 LDO Regulators 1-6 Control
The register controls for configuring the LDO Regulators 7-10 are defined in Table 35.
Note that the LDOn_ON_SLOT and LDOn_ON_VSEL fields may also be stored in the integrated OTP
memory. See Section 14 for details.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16506 (407Ah)
LDO7 Control
15:14
LDO7_ERR_
ACT [1:0]
00
LDO7 Error Action (Undervoltage)
00 = Ignore
01 = Shut down regulator
10 = Shut down system (Device
Reset)
11 = Reserved
Note that an Interrupt is always
raised.
12:11
LDO7_HWC
_SRC [1:0]
00
LDO7 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
LDO7_HWC
_VSEL
0
LDO7 Hardware Control Voltage
select
0 = Set by LDO7_ON_VSEL
1 = Set by LDO7_SLP_VSEL
9:8
LDO7_HWC
_MODE
00
LDO7 Hardware Control Operating
Mode
00 = Low Power mode
01 = Turn converter off
10 = Low Power mode
11 = Set by LDO7_ON_MODE
7
LDO7_FLT
0
LDO7 Output float
0 = LDO7 output discharged when
disabled
1 = LDO7 output floating when
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com