Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326GEFL/V Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
75
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
DC3_ON_VS
EL [1:0]
00
DC3_ON_VSEL[6:0] selects the DC-
DC3 output voltage from 0.85V to
3.4V in 25mV steps.
DC3_ON_VSEL[6:2] also exist in
ICE/OTP memory, controlling the
voltage in 100mV steps.
DC3_ON_VSEL[6:0] is coded as
follows:
00h = 0.85V
01h = 0.875V
…
65h = 3.375V
66h to 7Fh = 3.4V
R16483 (4063h)
DC3 SLEEP
Control
15:13
DC3_SLP_S
LOT [2:0]
000
Same as DC-DC1
9:8
DC3_SLP_M
ODE [1:0]
00
Same as DC-DC1
6:0
DC3_SLP_V
SEL [6:0]
000_0000
DC-DC3 SLEEP Voltage select
0.85V to 3.4V in 25mV steps
00h = 0.85V
01h = 0.875V
…
65h = 3.375V
66h to 7Fh = 3.4V
R16484 (4064h)
DC4 Control 1
13
DC4_SLV
0
DC-DC4 Slave Mode select
0 = Disabled
1 = Enabled
DC4_SLV = 1, then DC-DC4 is a
slave to DC-DC3, and both
converters are controlled by the DC-
DC3 registers.
This field can only be written to by
loading configuration settings from
OTP/ICE. In all other cases, this field
is Read Only.
12
DC4_PHASE
0
Same as DC-DC1
7
DC4_FLT
0
Same as DC-DC1
5:4
DC4_SOFT_
START [1:0]
01
Same as DC-DC3
3:2
DC4_STNBY
_LIM [1:0]
01
Same as DC-DC3
1:0
DC4_CAP
[1:0]
00
Same as DC-DC3
R16485 (4065h)
DC4 Control 2
15:14
DC4_ERR_A
CT [1:0]
00
Same as DC-DC1
12:11
DC4_HWC_
SRC [1:0]
00
Same as DC-DC1
10
DC4_HWC_
VSEL
0
Same as DC-DC1
9:8
DC4_HWC_
MODE [1:0]
11
Same as DC-DC1
7
DC4_OVP
0
Same as DC-DC3
R16486 (4066h)
DC4 ON Config
15:13
DC4_ON_SL
OT [2:0]
000
Same as DC-DC1
9:8
DC4_ON_M
ODE [1:0]
00
Same as DC-DC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com