Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326GEFL/V Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
65
DC-DC Converters 1 and 2 support two different switching frequencies, as described in Section 15.6.
Note that the supported output voltage range for these converters is restricted in the 4MHz mode; for
output voltages greater than 1.4V, the 2MHz mode must be used.
The DC-DC Converters are dynamically programmable - the output voltage may be adjusted in
software at any time. These converters are step-down converters; their output voltage can therefore
be lower than the input voltage, but cannot be higher.
Note that the output voltage of DC-DC Converters 1 and 2 may also be controlled using the Dynamic
Voltage Scaling features described in Section 15.6. Software control (using register writes) and
hardware control (using the Hardware DVS Control inputs supported via GPIO) is supported.
Note that the output voltage of the DC-DC Converters may also be controlled by the Hardware
Control inputs. The Hardware Control inputs are alternate functions supported via GPIO. See
Section 15.8 for details of Hardware Control.
When changing the output voltage of DC-DC Converters 1 and 2, the GPIO output “DC-DCm DVS
Done” can be used to confirm the DVS Control has completed; see Section 15.6 for details.
15.5.2 LDO REGULATORS 1-10
The output voltage of the LDO Regulators 1-10 in the ON power state is selected using the
LDOn_ON_VSEL register fields. The output voltage of the LDO Regulators in the SLEEP power state
is selected using the LDOn_SLP_VSEL register fields.
The LDO Regulators are dynamically programmable - the output voltage may be adjusted in software
at any time.
Note that the output voltage of the LDO Regulators may also be controlled by the Hardware Control
inputs. The Hardware Control inputs are alternate functions supported via GPIO. See Section 15.8 for
details of Hardware Control.
15.5.3 LDO REGULATOR 11
The output voltage of LDO11 can be set in two ways - it can be commanded directly, or it can be
commanded to follow the DC-DC Converter 1 output voltage.
When LDO11_VSEL_SRC = 0, then the output voltage of LDO11 is set by LDO11_ON_VSEL (in the
ON state) or by LDO11_SLP_VSEL (in the SLEEP state) in the same way as the other LDOs.
When LDO11_VSEL_SRC = 1, the output voltage of LDO11 follows the output voltage of DC-DC
Converter 1. This enables both domains to be changed at the same time, eg. the processor core and
processor ‘alive’ domains. In this case, the LDO11 output voltage follows DC1_ON_VSEL or
DC1_SLP_VSEL in the ON state or SLEEP state respectively.
Note that, when LDO11_VSEL_SRC = 1, the LDO11 regulator adopts the nearest achievable output
voltage, which may not be identical to the DC-DC1 voltage, due to the more limited range and
resolution of LDO11 - the output voltage of LDO11 is in the range 0.8V to 1.55V in 50mV steps; the
output voltage of DC-DC1 is in the range 0.6V to 1.8V in 12.5mV steps. If DC-DC1 is disabled, then
the LDO11 voltage tracking feature is not supported, and the LDO11 output voltage will be 0.8V.
15.6 DC-DC SYNCHRONOUS BUCK CONVERTER CONTROL
Soft-Start control is provided for each of the DC-DC synchronous buck converters, using the
DCm_SOFT_START register fields. When a DC-DC Converter is switched on, the soft-start circuit will
apply current limiting in order to control the in-rush current. For DC-DC1 and DC-DC2, the current
limit is increased through up to 8 stages to the full load condition. The DCm_SOFT_START registers
select the duration of these stages. (Note that, under light loads, the full start-up may be achieved in
fewer than 8 stages.) A similar function is provided for DC-DC3 and DC-DC4, but only 3 intermediate
stages are implemented for these converters.
When DC-DC3 or DC-DC4 is operating in Hysteretic Mode, the maximum DC output current can be
set using the DC3_STNBY_LIM and DC4_STNBY_LIM registers. See Section 15.4.1 for details of the
DC-DC3 and DC-DC4 operating modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com