Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326GEFL/V Datasheet(PDF) 90 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 90 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
90
15.14 DC-DC SYNCHRONOUS BUCK CONVERTER OPERATION
15.14.1 OVERVIEW
The WM8326 provides four DC-DC switching converters. Each of these is a synchronous buck (step-
down) converter. The principal characteristics of each DC-DC converter are shown below. Converters
DC-DC3 and DC-DC4 can either be operated as single converters, or may be ganged together in
‘dual’ mode to provide an increased current capability.
DC-DC1 / DC-DC2
DC-DC3 / DC-DC4
Converter Type
Buck (step-down)
Buck (step-down)
Input Voltage Range
2.7V to 5.5V
2.7V to 5.5V
Output Voltage Range
0.6V to 1.8V
0.85V to 3.4V
Load Current Rating
Up to 2500mA
Up to 1000mA (single mode)
Up to 1600mA (dual mode)
Switching Frequency
2MHz or 4MHz
2MHz
Table 41 DC-DC Converter Overview
15.14.2 DC-DC SYNCHRONOUS BUCK CONVERTERS
DC-DC Converters 1, 2, 3 and 4 are synchronous buck converters which deliver high performance
and high efficiency across a wide variety of operating conditions.
The high switching frequency, together with the current mode architecture, delivers exceptional
transient performance suitable for supplying processor power domains and similar applications
requiring high stability through fast-changing load (or line) conditions.
The current mode architecture enables extended bandwidth of the control loop, allowing the DC-DC
converter to adapt for changes in input or output conditions more rapidly than can be achieved using
other feedback mechanisms. This improves the converter’s performance under transient load
conditions.
The flexible design of the DC-DC Converters allows a selection of different operating configurations,
which can be chosen according to the performance, efficiency, space or external component cost
requirements.
The DC-DC Converter design achieves high performance with a small inductor component. This is
highly advantageous in size-critical designs for portable applications. In the case of DC-DC1 and DC-
DC2, the switching frequency is selectable (2MHz or 4MHz). The higher frequency supports best
transient performance and the smallest external inductor, whilst the lower rate supports best power
efficiency.
Note that the supported output voltage range for DC-DC Converters 1 and 2 is restricted in the 4MHz
mode; for output voltages greater than 1.4V, the 2MHz mode must be used.
Note that the maximum output current for DC-DC Converters 1 and 2 is limited to 1250mA in the
4MHz mode; for output currents up to 2500mA, the 2MHz mode must be used.
The DC-DC Converters are compatible with a range of external output capacitors. A larger capacitor
(eg. 47
F) will deliver best transient performance, whilst a smaller capacitor (eg. 4.7F) may be
preferred for size or cost reasons.
Four different operating modes can be selected, allowing the user to configure the converter
performance and efficiency according to different demands. This includes power-saving modes for
light load conditions and a high performance mode for best transient load performance. A low power
LDO regulator mode is also provided. The DC-DC Converters maintain output voltage regulation
when switching between operating modes.
Forced Continuous Conduction Mode (FCCM)
This mode delivers the best load transient performance across the entire operating load range of the
converter. It also provides the best EMI characteristics due to the fixed, regular switching pattern.
For normal DC-DC buck converter operation, there is an inductor charging phase followed by a
discharging phase. Under light load conditions, the inductor current may be positive or negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com