Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326GEFL/V Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
64
15.4 OPERATING MODE CONTROL
15.4.1 DC-DC SYNCHRONOUS BUCK CONVERTERS
The DC-DC Converters DC-DC1 - DC-DC4 can be configured to operate in four different operating
modes. The operating modes are summarised in Table 30. For more detailed information on the DC-
DC (Buck) Converter operating modes, see Section 15.14.2.
DC-DC CONVERTER
OPERATING MODE
DESCRIPTION
Forced Continuous Conduction
Mode (FCCM)
High performance mode for all static and transient load
conditions.
Auto Mode: Continuous /
Discontinuous Conduction with
Pulse-Skipping Mode (CCM/DCM
with PS)
High efficiency mode for all static and transient load
conditions. Performance may be less than FCCM mode for
heavy load transients.
Hysteretic Mode
High efficiency mode for light static and light transient loads
only. Maximum load current is restricted; output voltage ripple
is increased.
LDO Mode
Power saving mode for light loads only. High efficiency for
ultra light loads. Low current soft-start control.
Table 30 DC-DC Synchronous Buck Converter Operating Modes
The operating mode of the DC-DC Converters in the ON power state is selected using the
DCm_ON_MODE register fields. The operating mode of the DC-DC Converters in the SLEEP power
state is selected using the DCm_SLP_MODE register fields.
When changing the operating mode of the DC-DC Converters in preparation for an increased load, a
set-up time of 100
s should be allowed for the operating mode to be established before applying the
new load.
Note that the operating mode of the DC-DC Converters may also be controlled by the Hardware
Control inputs. The Hardware Control inputs are alternate functions supported via GPIO. See
Section 15.8 for details of Hardware Control.
15.4.2 LDO REGULATORS
The LDO Regulators LDO1 - LDO10 can be configured to operate in Normal operating mode or in
Low Power mode.
The operating mode of the LDO Regulators in the ON power state is selected using the
LDOn_ON_MODE register fields. The operating mode of the LDO Regulators in the SLEEP power
state is selected using the LDOn_SLP_MODE register fields.
For the standard LDOs, LDO1 - LDO6, two different Low Power modes are provided, offering limited
load current capability and reduced quiescent current. When Low Power mode is selected in the ON
or SLEEP power states, then the LDOn_LP_MODE register bits determine which Low Power mode is
selected.
Note that the operating mode and output voltage of the LDO Regulators may also be controlled by the
Hardware Control inputs. The Hardware Control inputs are alternate functions supported via GPIO.
See Section 15.8 for details of Hardware Control.
15.5 OUTPUT VOLTAGE CONTROL
15.5.1 DC-DC SYNCHRONOUS BUCK CONVERTERS
The output voltage of the DC-DC Converters 1-4 in the ON power state is selected using the
DCm_ON_VSEL register fields. The output voltage of these converters in the SLEEP power state is
selected using the DCm_SLP_VSEL register fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com