Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8326GEFL/V Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
97
17 POWER SUPPLY CONTROL
17.1 GENERAL DESCRIPTION
The primary power supply to the WM8326 is provided via the PVDD pin. This supply is required for
normal device functionality. The PVDD voltage is monitored internally to detect a low voltage
condition where the device can no longer operate. A Power Path Management Interrupt is raised
when PVDD falls below an undervoltage threshold, as described in Section 17.2.
A backup power source may be provided for the WM8326. This enables the Real Time Clock (RTC)
and other selected registers to be maintained when PVDD is not available. This is described in
Section 17.3.
17.2 POWER PATH MANAGEMENT INTERRUPTS
The Power Path Management circuit is associated with an Interrupt event flag.
The PPM_SYSLO_EINT interrupt bit is set when the internal signal SYSLO is asserted. This indicates
a PVDD undervoltage condition, described in Section 24.4. This secondary interrupt triggers a
primary Power Path Management Interrupt, PPM_INT (see Section 23). This can be masked by
setting the mask bit as described in Table 44.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
15
PPM_SYSLO_EINT
Power Path SYSLO interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
15
IM_PPM_SYSLO_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 44 Power Path Management Interrupt
17.3 BACKUP POWER
As an option, a backup power source can be provided for the WM8326. This is provided using a coin
cell, super/gold capacitor, or else a standard capacitor, connected to the LDO12VOUT pin.
Note that a 22kΩ series resistor should also be connected to the backup power source.
The LDO12VOUT pin provides a constant voltage output for charging the backup power source
whenever the PVDD power domain is available.
The purpose of the backup is to power the always-on functions such as the crystal oscillator, RTC and
ALARM control registers. The backup power also maintains a ‘software scratch’ memory area in the
register map - see Section 12.6. Maintaining these functions at all times provides system continuity
even when the main battery is removed and no other power supply is available.
The backup duration will vary depending upon the backup power source characteristics. A typical coin
cell can provide power to the WM8326 in BACKUP mode for a month or more whilst also maintaining
the RTC and the ‘software scratch’ register.
If a standard capacitor is used as the backup power source, then it is particularly important to
minimise the device power consumption in the BACKUP state. A 22
F capacitor will maintain the
device settings for up to 5 minutes in ‘unclocked’ mode, where power consumption is minimised by
stopping the RTC in the BACKUP state. The RTC is unclocked in the BACKUP state if the
XTAL_BKUPENA register field is set to 0, as described in Section 20.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com