Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD10 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 29Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 30Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 31Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 32Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 33Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 34Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 35Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 36Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 130 page
background image
Pinout and signal descriptions
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
33
MDO1
Nexus message clock
output
M
I/O
None
—
40
C11
MDO2
Nexus message clock
output
M
I/O
None
—
42
D11
MDO3
Nexus message clock
output
M
I/O
None
—
44
A10
MSEO
Nexus message clock
output
M
I/O
None
—
34
C12
NOTES:
1 On the 176 LQFP package options the Nexus pins are multiplexed with other GPIO. On the 208 TEPBGA package,
there are additional dedicated Nexus pins.
Table 5. Debug pin descriptions
Debug pin
Function
Pad
type
I/O
direction
Reset
Configuration
Pin number
144 LQFP 176 LQFP
TEPBGA2
08 1
NOTES:
1 The dedicated (208 pin package only) Nexus output pins (Message Data outputs 0:3 [MDO] and Message Start/End
outputs 0:1 [MSEO]) may drive an unknown value (high or low) immediately after power up but before-the 1st clock
edge propagates through the device (instead of being weakly pulled low). This may cause high currents if the pins
are tied directly to a supply/ground or any low resistance-driver (when used as a general purpose input [GPI] in the
application).
EVTI
Nexus event input
M
I/O
Input, Pull Up
—
—
T3
EVTO
Nexus event output
M
I/O
Input, Pull Up
—
—
R3
MCKO
Nexus message clock
output
F
I/O
Input, Pull Up
—
—
T1
MDO0
Nexus message clock
output
M
I/O
Input, Pull Up
—
—
T5
MDO1
Nexus message clock
output
M
I/O
Input, Pull Up
—
—
P5
MDO2
Nexus message clock
output
M
I/O
Input, Pull Up
—
—
P4
MDO3
Nexus message clock
output
M
I/O
Input, Pull Up
—
—
L4
MSEO
Nexus message clock
output
M
I/O
Input, Pull Up
—
—
T2
Table 4. Debug pin descriptions (continued)
Debug pin
Function
Pad
type
I/O
direction
Reset
Configuration
Pin number
144 LQFP
176 LQFP
1
208 MAPB
GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com