Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD10 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 77Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 78Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 79Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 80Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 81Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 82Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 83Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 84Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
81
3.8.4
I/O pad current specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is associated to a
VDD/VSS supply pair as described in Table 34.
Table 35 provides I/O consumption figures.
In order to ensure device reliability, the average current of the I/O on a single segment should remain below
the IAVGSEG maximum value.
In order to ensure device functionality, the sum of the dynamic and static current of the I/O on a single
segment should remain below the IDYNSEG maximum value.
Table 33. SMD pad electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VIL
CC P Low level input voltage
—
–0.4
—
0.35
V
DDM
V
VIH
CC P High level input voltage
—
0.65
V
DDM
—VDDM+0.4
VHYST
CC C Schmitt trigger hysteresis
—
0.1
V
DDM
——
VOL
CC P Low level output voltage
IOL = 20 mA
1
NOTES:
1 VDD = 5.0 V ±10%, Tj = -40 to 150 °C.
—
—
0.32
IOL = 30 mA
2
2 VDD = 5.0 V ±10%, Tj = -40 to 130 °C.
—
—
0.48
VOH
CC P High level output voltage
IOH = –20 mA
1
VDDM–0.32
—
—
IOH = –30 mA
2
VDDM–0.48
—
—
IPU
CC P Internal pull-up device current Vin=VIL
–130
—
—
A
Vin=VIH
—
—
–10
IPD
CC P Internal pull-down device
current
Vin=VIL
10
—
—
Vin=VIH
—
—
130
IIN
CC P Input leakage current
—
-1
—
1
RDSONH CC C SMD pad driver active high
impedance
IOH
 –30 mA2
——
16
RDSONL
CC C SMD pad driver active low
impedance
IOL
 30 mA2
——
16
VOMATCH CC P Output driver matching
VOH /VOL
IOH /IOL  30 mA
2
——
90
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com